Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8340 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP8340
Description  LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8340 Datasheet(HTML) 1 Page - Texas Instruments

  LP8340 Datasheet HTML 1Page - Texas Instruments LP8340 Datasheet HTML 2Page - Texas Instruments LP8340 Datasheet HTML 3Page - Texas Instruments LP8340 Datasheet HTML 4Page - Texas Instruments LP8340 Datasheet HTML 5Page - Texas Instruments LP8340 Datasheet HTML 6Page - Texas Instruments LP8340 Datasheet HTML 7Page - Texas Instruments LP8340 Datasheet HTML 8Page - Texas Instruments LP8340 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
VIN
1.0µF
Ceramic
VOUT
1.0µF
Ceramic
VOUT
GND
VOUT Sense
(LLP only)
VIN
LP8340
www.ti.com
SNVS221D – FEBRUARY 2003 – REVISED APRIL 2013
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
Check for Samples: LP8340
1
FEATURES
DESCRIPTION
The LP8340 low-dropout CMOS linear regulator is
2
•
±1.5% Typical VOUT Tolerance
available in 5V, 3.3V, 2.5V, 1.8V and adjustable
•
420mV Typical Dropout @ 1.0A (VO = 5V)
output versions. Packaged in the 6ld WSON package
•
Wide Operating Range 2.7V to 10V
and 3ld PFM. The LP8340 can deliver up to 1.0A
output current.
•
Internal 1.0A PMOS Output Transistor
•
19µA Typical Quiescent Current
Typical dropout voltage is 420mV at 1.0A for the 5.0V
version, 540mV at 1.0A for the 3.3V version, 670mV
•
Thermal Overload Limiting
at 1.0A for the 2.5V version and 680mV at 800mA for
•
Foldback Current Limiting
the 1.8V version.
•
Zener Trimmed Bandgap Reference
The LP8340 includes a zener trimmed bandgap
•
Space Saving WSON package
voltage
reference,
foldback
current
limiting
and
•
Temperature Range
thermal overload limiting.
–
LP8340C 0°C to 125°C
The LP8340 features a PMOS output transistor which
unlike PNP type low dropout regulators requires no
–
LP8340I
−40°C to 125°C
base drive current. This allows the device ground
current to remain less than 50µA over operating
APPLICATIONS
temperature, supply voltage and irrespective of the
•
Hard Disk Drives
load current.
•
Notebook Computers
•
Battery Powered Electronics
•
Portable Instrumentation
Typical Applications
Figure 1. Fixed VOUT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP8340

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8340 NSC-LP8340 Datasheet
304Kb / 14P
Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
logo
Texas Instruments
LP8340 TI2-LP8340 Datasheet
873Kb / 17P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
REVISED APRIL 2013
logo
National Semiconductor ...
LP8340C NSC-LP8340C Datasheet
304Kb / 14P
Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
LP8340CDT-1.8 NSC-LP8340CDT-1.8 Datasheet
304Kb / 14P
Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
LP8340CDT-2.5 NSC-LP8340CDT-2.5 Datasheet
304Kb / 14P
Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
More results

Similar Description - LP8340

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8340 NSC-LP8340 Datasheet
304Kb / 14P
Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
1.0A LOW DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
1.0A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com