Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8555 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LP8555
Description  LP8555 High-Efficiency LED Backlight Driver for Tablet PCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8555 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP8555 Datasheet HTML 37Page - Texas Instruments LP8555 Datasheet HTML 38Page - Texas Instruments LP8555 Datasheet HTML 39Page - Texas Instruments LP8555 Datasheet HTML 40Page - Texas Instruments LP8555 Datasheet HTML 41Page - Texas Instruments LP8555 Datasheet HTML 42Page - Texas Instruments LP8555 Datasheet HTML 43Page - Texas Instruments LP8555 Datasheet HTML 44Page - Texas Instruments LP8555 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
LP8555
www.ti.com
SNVS857 – FEBRUARY 2014
8.5.13 LEDEN1
Address: 0x19
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
ENABLE[6:1]
Bits
Field
Type
Description
7:6
RESERVED
R/O
5:0
ENABLE1
R/W
LED string enables for Bank B.
The ENABLE field configures the enabled LED strings. If the CONFIG.AUTO bit is 0 these LED strings will stay
active when the backlight is on. If the CONFIG.AUTO bit is set, then an LED open/short condition will cause that
LED string to be removed. A given LED string will never be enabled if the corresponding bit of the ENABLE field
is set to 0. The OV field configures the threshold for detecting an LED overvoltage condition; which may occur
when one or more LEDs are bypassed (shorted) within an LED string.
8.5.14 VOLTAGE1
Address: 0x1A
D7
D6
D5
D4
D3
D2
D1
D0
VMAX1
ADAPT1
VINIT1
Bits
Field
Type
Description
Maximum boost voltage for Boost B (typical).
00 = 18 V
7:6
VMAX
R/W
01 = 22 V
10 = 25 V
11 = 28 V
5
ADAPT
R/W
Enable adaptive headroom optimization.
Initial boost voltage. When ADAPT is 0 the boost voltage will remain at the VINIT setting. The voltage
4:0
VINIT1
R/W
range is from 7 V to 28 V; where 0x00 equals 7 V and 0x3F equals 28 V (typical).
The VOLTAGE1.VMAX bit sets the maximum allowed boost voltage for Boost B. The boost control loop will
never request a higher voltage than the VMAX value. When the VOLTAGE.ADAPT bit is set to 1 the boost
voltage may vary from 7 V to the VMAX configured voltage.
VINIT (DEC)
VOLTAGE (V)
VINIT (DEC)
VOLTAGE (V)
VINIT (DEC)
VOLTAGE (V)
0
7.00
11
14.45
22
21.91
1
7.68
12
15.13
23
22.58
2
8.35
13
15.8
24
23.26
3
9.03
14
16.48
25
23.94
4
9.71
15
17.16
26
24.61
5
10.39
16
17.84
27
25.29
6
11.06
17
18.52
28
25.97
7
11.74
18
19.2
29
26.65
8
12.42
19
19.87
30
27.32
9
13.09
20
20.55
31
28.00
10
13.77
21
21.23
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LP8555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com