Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8555 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LP8555
Description  LP8555 High-Efficiency LED Backlight Driver for Tablet PCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8555 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LP8555 Datasheet HTML 41Page - Texas Instruments LP8555 Datasheet HTML 42Page - Texas Instruments LP8555 Datasheet HTML 43Page - Texas Instruments LP8555 Datasheet HTML 44Page - Texas Instruments LP8555 Datasheet HTML 45Page - Texas Instruments LP8555 Datasheet HTML 46Page - Texas Instruments LP8555 Datasheet HTML 47Page - Texas Instruments LP8555 Datasheet HTML 48Page - Texas Instruments LP8555 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
LP8555
www.ti.com
SNVS857 – FEBRUARY 2014
8.5.23 JUMP
Address: 0x7A
D7
D6
D5
D4
D3
D2
D1
D0
JEN
RESERVED
JTHR
JVOLT
Bits
Field
Type
Description
7
JEN
R/W
Enable boost voltage jumping on large brightness percentage increases.
6:4
RESERVED
R/W
Jump brightness percentage threshold.
00 = 6.25%
3:2
JTHR
R/W
01 = 12.5%
10 = 25%
11 = 50%
Typical Boost voltage jump size (10.26 mV/step)
00 = 195 steps (2 V)
1:0
JVOLT
R/W
01 = 390 steps (4 V)
10 = 585 steps (6 V)
11 = 780 steps (8 V)
The jump feature operates outside of the normal adaptive headroom loop. Whenever the brightness percentage
instantaneously increases above the configured threshold the boost voltage is instructed to immediately jump up.
This can be used in some rare cases where extremely fast boost reaction time to brightness changes is needed.
The JTHR field configures the threshold and the JVOLT field configures the voltage increase. The requested
boost voltage will never exceed the value set by the VOLTAGE.VMAX field.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: LP8555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com