Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8555 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LP8555
Description  LP8555 High-Efficiency LED Backlight Driver for Tablet PCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8555 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LP8555 Datasheet HTML 45Page - Texas Instruments LP8555 Datasheet HTML 46Page - Texas Instruments LP8555 Datasheet HTML 47Page - Texas Instruments LP8555 Datasheet HTML 48Page - Texas Instruments LP8555 Datasheet HTML 49Page - Texas Instruments LP8555 Datasheet HTML 50Page - Texas Instruments LP8555 Datasheet HTML 51Page - Texas Instruments LP8555 Datasheet HTML 52Page - Texas Instruments LP8555 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
ISAT >
x
(VOUT ± VIN)
VOUT
VIN
Where D =
Where IRIPPLE =
(2 x L x f)
DQG'¶= (1 - D)
(VOUT ± VIN)
(VOUT)
+ IRIPPLE
IOUTMAX
'¶
LP8555
www.ti.com
SNVS857 – FEBRUARY 2014
9.2.1.4 Detailed Design Procedure
9.2.1.4.1
Inductor
There are two main considerations when choosing an inductor; the inductor should not saturate, and the inductor
current ripple should be small enough to achieve the desired output voltage ripple. Different saturation current
rating specifications are followed by different manufacturers so attention must be given to details. Saturation
current ratings are typically specified at 25°C. However, ratings at the maximum ambient temperature of
application should be requested from the manufacturer. Shielded inductors radiate less noise and should be
preferred.
The saturation current should be greater than the sum of the maximum load current and the worst case average
to peak inductor current.
Figure 44 shows the worst case conditions.
Figure 44. Calculating Inductor Maximum Current
•
IRIPPLE: peak inductor current
•
IOUTMAX: maximum load current
•
VIN: minimum input voltage in application
•
L : min inductor value including worst case tolerances
•
f : minimum switching frequency
•
VOUT: output voltage
•
D: Duty Cycle for CCM Operation
•
VOUT : Output Voltage
As a result the inductor should be selected according to the ISAT. A more conservative and recommended
approach is to choose an inductor that has a saturation current rating greater than the maximum current limit of
3.1 A. A 4.7-µH to 6.8-µH inductor with a saturation current rating of at least 3.1 A is recommended for most
applications. The inductor’s resistance should be less than 300 m
Ω for good efficiency.
9.2.1.4.2
Output Capacitor
A ceramic capacitor with 50-V voltage rating is recommended for the output capacitor. The DC-bias effect can
reduce the effective capacitance by up to 80% especially with small package size capacitors, which needs to be
considered in capacitance value and package selection. Typically one 10-µF or two 4.7-µF capacitors is
sufficient. Effectively the capacitance should be at least 2 µF at boost maximum output voltage.
9.2.1.4.3
LDO Capacitor
A ceramic capacitor with at least 10 V voltage rating is recommended for the output capacitor of the LDO. The
DC-bias effect can reduce the effective capacitance by up to 80%, which needs to be considered in capacitance
value selection. Typically 10 µF capacitor is sufficient.
9.2.1.4.4
VDD Capacitor
A ceramic capacitor with at least 10-V voltage rating is recommended for the VDD input capacitor. If input
voltage is higher, then the rating should be selected accordingly. The DC-bias effect can reduce the effective
capacitance by up to 80%, which needs to be considered in capacitance value selection. Typically, a 1-
μF
capacitor is sufficient. X5R/X7R are recommended types.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: LP8555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com