Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8555 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP8555
Description  LP8555 High-Efficiency LED Backlight Driver for Tablet PCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8555 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP8555 Datasheet HTML 2Page - Texas Instruments LP8555 Datasheet HTML 3Page - Texas Instruments LP8555 Datasheet HTML 4Page - Texas Instruments LP8555 Datasheet HTML 5Page - Texas Instruments LP8555 Datasheet HTML 6Page - Texas Instruments LP8555 Datasheet HTML 7Page - Texas Instruments LP8555 Datasheet HTML 8Page - Texas Instruments LP8555 Datasheet HTML 9Page - Texas Instruments LP8555 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
LP8555
SNVS857 – FEBRUARY 2014
www.ti.com
Electrical Characteristics
(1)(2) (continued)
Limits apply over the full ambient temperature range –40°C
≤ TA ≤ 85°C. Unless otherwise specified: VDD = 3.6 V, EN/VDDIO
= 1.8 V, L1 = L2 = 6.8 µH, CIN_A = CIN_B = 10 µF, COUT_A = COUT_B = 10 µF, CVLDO = 10 µF, CVDD = 1 µF.
(3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ƒSW
Switching frequency
BFREQ = 0
500
kHz
BFREQ = 1
1000
ƒSW_ACCURACY
Boost oscillator accuracy
–7%
7%
VOVP_THR
Overvoltage protection voltage
VBST_MAX
V
threshold
+1.6 V
VOUT/VIN
Conversion ratio
No load, BFREQ = 1
1.3
10
ΔVSW/toff-on
SW node voltage slew rate
Load current 120 mA. Boost slew
12.5
during OFF-to-ON transition
rate set to fastest (SRON = 00b).
V/ns
ΔVSW/ton-off
SW node voltage slew rate
19.5
during ON-to-OFF transition
ƒMOD
Modulation frequency
FMOD_DIV = 00
0.47%
(percentage of the SW
FMOD_DIV = 01
0.27%
frequency)
FMOD_DIV = 10
0.17%
FMOD_DIV = 11
0.12%
CURRENT SINKS
Outputs LEDA1...LEDB6, VLEDxx =
ILEAKAGE
Leakage current
1
µA
28 V
Maximum sink current
IMAX
50
mA
LEDA1...B6
IOUT
Output current accuracy(5)
Output current set to 23 mA.
–4%
4%
Current scale set to 23 mA. PWM =
IMATCH
Matching (5)
1%
5%
100%
PFREQ = 000b
4.9
ƒLED_PWM
LED switching frequency
kHz
PFREQ = 111b
39.1
Output current set to 23 mA
200
260
VSAT
Saturation voltage (6)
mV
Output current set to 30 mA
250
340
PWM INTERFACE CHARACTERISTICS
ƒPWM
PWM input frequency
75
50000
Hz
tMIN_ON
Minimum pulse ON time
100
ns
tMIN_OFF
Minimum pulse OFF time
100
Turn-on delay from standby to
PWM input active, ON bit written
tstart-up
7
ms
backlight on
high
PWM input low time before entering
tSTBY
Turn-off delay
52
ms
standby mode (if PWMSB = 1)
ƒIN < 2.4 kHz
12
ƒIN < 4.8 kHz
12
ƒIN < 9.6 kHz
11
PWMRES
PWM input resolution
bits
ƒIN < 19.5 kHz
10
ƒIN < 25 kHz
9
ƒIN < 50 kHz
8
UNDERVOLTAGE PROTECTION
VDD falling
2.5
VUVLO
VDD UVLO threshold voltage
V
VDD rising
2.6
LOGIC INTERFACE
Logic Input EN/VDDIO
VEN/VDDIO
Supply voltage range
1.7
5.5
V
II
Input current
20
µA
(5)
Output Current Accuracy is the difference between the actual value of the output current and programmed value of this current.
Matching is the maximum difference from the average. For the constant current sinks on the part (OUTA1 to OUTB6), the following are
determined: the maximum output current (MAX), the minimum output current (MIN), and the average output current of all outputs (AVG).
Matching number is calculated: (MAX-MIN)/AVG. The typical specification provided is the most likely norm of the matching figure for all
parts. LED current sinks were characterized with 1 V headroom voltage. Note that some manufacturers have different definitions in use.
(6)
Saturation voltage is defined as the voltage when the LED current has dropped 10% from the value measured at 1 V.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com