Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8725TLX/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLX/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLX/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP8725TLX/NOPB Datasheet HTML 26Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 27Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 29Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 31Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 32Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
LP8725
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
www.ti.com
OPERATION DESCRIPTION
Device Information
Using voltage mode architecture with synchronous rectification, the LP8725 has the ability to deliver up to 800
mA per DC-DC convertor depending on the input voltage and output voltage, ambient temperature, and the
inductor chosen.
There are two modes of operation depending on the current required - PWM (Pulse Width Modulation), and ECO
The device operates in PWM mode at load currents of approximately 75 mA (typ.) or higher. Lighter output
current loads cause the device to automatically switch into ECO mode for reduced current consumption.
Circuit Operation
The DC-DC convertor operates as follows. During the first portion of each switching cycle, the control block in the
turns on the internal PFET switch. This allows current to flow from the input through the inductor to the output
filter capacitor and load. The inductor limits the current to a ramp with a slope of (VIN − VOUT)/L, by storing energy
in a magnetic field. During the second portion of each cycle, the controller turns the PFET switch off, blocking
current flow from the input, and then turns the NFET synchronous rectifier on. The inductor draws current from
ground through the NFET to the output filter capacitor and load, which ramps the inductor current down with a
slope of –VOUT/L.
The output filter stores charge when the inductor current is high, and releases it when low, smoothing the voltage
across the load. The output voltage is regulated by modulating the PFET switch on time to control the average
current sent to the load. The effect is identical to sending a duty-cycle modulated rectangular wave formed by the
switch and synchronous rectifier at the SW pin to a low-pass filter formed by the inductor and output filter
capacitor. The output voltage is equal to the average voltage at the SW pin.
PWM Operation
During PWM operation the converter operates as a voltage-mode controller with input voltage feed forward. This
allows the converter to achieve excellent load and line regulation. The DC gain of the power stage is proportional
to the input voltage. To eliminate this dependence, feed forward inversely proportional to the input voltage is
introduced. While in PWM mode, the output voltage is regulated by switching at a constant frequency and then
modulating the energy per cycle to control power to the load. At the beginning of each clock cycle the PFET
switch is turned on and the inductor current ramps up until the comparator trips and the control logic turns off the
switch. The current limit comparator can also turn off the switch in case the current limit of the PFET is
exceeded. Then the NFET switch is turned on and the inductor current ramps down. The next cycle is initiated by
the clock turning off the NFET and turning on the PFET.
Figure 13. Typical PWM Operation
30
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com