Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8725TLX/NOPB Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLX/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLX/NOPB Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP8725TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 34Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 35Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 36Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 37Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 38Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 39Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 40Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
Data Output
by
Transmitter
Data Output
by
Receiver
SCL
S
Start
Condition
Transmitter Stays Off the
Bus During the
Acknowledgement Clock
Acknowledgement
Signal From Receiver
1
2
3 - 6
7
8
9
LP8725
www.ti.com
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
Figure 17. Bus Acknowledge Cycle
”Acknowledge after Every Byte” Rule
The master generates an acknowledge clock pulse after each byte transfer. The receiver sends an acknowledge
signal after every byte received.
There is one exception to the “acknowledge after every byte” rule.
When the master is the receiver, it must indicate to the transmitter an end of data by not-acknowledging
(“negative acknowledge”) the last byte clocked out of the slave. This “negative acknowledge” still includes the
acknowledge clock pulse (generated by the master), but the SDA line is not pulled down.
Addressing Transfer Formats
Each device on the bus has a unique slave address. The LP8725 operates as a slave device. Slave address is
selectable by CONFIG and DEFSEL pins.
For the actual slave addresses, see Table 1.
Before any data is transmitted, the master transmits the address of the slave being addressed. The slave device
should send an acknowledge signal on the SDA line, once it recognizes its address.
The slave address is the first seven bits after a Start Condition. The direction of the data transfer (R/W) depends
on the bit sent after the slave address the eighth bit.
When the slave address is sent, each device in the system compares this slave address with its own. If there is a
match, the device considers itself addressed and sends an acknowledge signal. Depending upon the state of the
R/W bit (1:read, 0:write), the device acts as a transmitter or a receiver.
Control Register Write Cycle
•
Master device generates start condition.
•
Master device sends slave address (7 bits) and the data direction bit (r/w = '0').
•
Slave device sends acknowledge signal if the slave address is correct.
•
Master sends control register address (8 bits).
•
Slave sends acknowledge signal.
•
Master sends data byte to be written to the addressed register.
•
Slave sends acknowledge signal.
•
If master will send further data bytes the control register address will be incremented by one after
acknowledge signal.
•
Write cycle ends when the master creates stop condition.
Control Register Read Cycle
•
Master device generates a start condition.
•
Master device sends slave address (7 bits) and the data direction bit (r/w = '0').
•
Slave device sends acknowledge signal if the slave address is correct.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com