Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8725TLX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLX/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP8725TLX/NOPB Datasheet HTML 1Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 2Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 3Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 4Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 5Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 6Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 7Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 8Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
LP8725
www.ti.com
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
PIN DESCRIPTIONS
Name
Pin No.
Description
CONFIG=0: B2_EN is the enable for BUCK2 output if this pin is high and if BUCK2_EN register bit is set to
B2_EN/PS_HOLD
B3
0. (B2_EN and the register bit are logical OR.) Internal 500 K
Ω pull-down resistor in this configuration only.
CONFIG=1: PS_HOLD is a power supply hold input from an external processor.
CONFIG
E2
Connect to GND for SUB_PMU or connect to VIN1 for PMU.
Control input that sets default voltages and start-up sequence. Must be hard wired to VIN1 or GND for
specific application.
DEFSEL
D2
When DEFSEL=VIN1 then setup 1 is used for default voltages and startup sequences.
When DEFSEL=GND then setup 2 is used for default voltages and startup sequences.
Dynamic Voltage Scaling (operational when REG 0x00<2> is '0').
DVS=1 then BUCK voltage set BUCK1_V1 is in use.
DVS
C2
DVS=0 then BUCK voltage set BUCK1_V2 is in use.
This pin must be driven to its logic high or low whenever the BUCK1 or BUCK2 outputs are enabled.
CONFIG=0: EN=1 turns on outputs or standby mode if EN=0.
EN/PWR_ON
E3
CONFIG=1: PWR_ON=1 starts power up sequence after 30 ms of de-bounce time. Internal 500K pull-
down resistor.
FB1
E4
BUCK1 Feedback. Active pull-down when BUCK1 turns off.
FB2
B4
BUCK2 Feedback. Active pull-down when BUCK2 turns off.
GND
D3
IC Ground
GNDB1
F5
BUCK1 Ground.
GNDB2
A5
BUCK2 Ground.
LDO1
F1
LDO1 output.
LDO2
E1
LDO2 output.
LDO3
C1
LDO3 output.
LDO3_EN
B2
Enable for LDO3 output if this pin is high and if LDO3_EN register bit is set to 0. (LDO3_EN and the
register bit are logical OR.) Internal 500 K
Ω pull-down resistor.
LDO4
A1
LDO4 output.
LDO5
B1
LDO5 output
LILO1
F3
LILO1 output.
LILO2
A3
LILO2 output.
CONFIG=0: Goes high typ. 30 ms after EN=1 and goes low when EN=0.
RESET_N
C3
CONFIG=1: Goes high typ. 60 ms after PWR_ON=1 and goes low 30 ms after PS_HOLD=0.
External pull-up resistor is needed, typical 10 k
Ω.
SCL
D4
Serial Interface Clock Input. External pull-up resistor is needed, typical 1.5 k
Ω.
SDA
C4
Serial Interface Data Input/Output. Open Drain output, external pull-up resistor is needed, typical 1.5 k
Ω.
SW1
E5
BUCK1 Switch node of DC-DC converter BUCK1.
SW2
B5
BUCK2 Switch node of DC-DC converter BUCK2.
VIN1
F2
Input for LDO1.
VINB1
D5
Input for BUCK1.
VIN2
D1
Input for LDO2 and LDO3.
VINB2
C5
Input for BUCK2.
VIN3
A2
Input for LDO4 and LDO5.
VINLILO1
F4
Input for LILO1.
VINLILO2
A4
Input for LILO2.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com