Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8725TLX/NOPB Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLX/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLX/NOPB Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP8725TLX/NOPB Datasheet HTML 35Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 36Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 37Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 38Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 39Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 40Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 41Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 42Page - Texas Instruments LP8725TLX/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
R/W
S
Slave Address
(7 bits)
'0' A
A
Control Register Add.
(8 bits)
From Slave to Master
From Master to Slave
Slave Address
(7 bits)
A
Sr
'1'
R/W
Data transferred, byte +
Ack/NAck
Register Data
(8 bits)
P
A - ACKNOWLEDGE (SDA Low)
S - START CONDITION
P - STOP CONDITION
NA - ACKNOWLEDGE (SDA High)
Sr - REPEATED START CONDITION
Direction of the transfer
will change at this point
NA
A/
LP8725
www.ti.com
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
Figure 19. Register Read Format
Layout Guidelines
As for all DC-DC buck regulators board layout is very important to ensure best performance.
The 4.7 µF input capacitors should be placed first, as near to VINB1/2 pin and GNDB1/2 as possible. VINB1/2
are the voltage rails for the high-side power FETs. GNDB1/2 are the return paths for the low-side power FETs.
The Input capacitors should have their associated pads very near the pins that they will decouple. These
capacitors are important in sourcing charge during switching events. In this device we have the two buck inputs
side by side but we recommend that separate traces are taken to each device pin to ensure this proper
decoupling. This can be seen in the example layout shown in the layout scheme below.
The 4.7 µF output capacitors should be the next components to be placed in conjunction with the inductor. The
switch node should be kept as small as possible but otherwise the inductor placement is least sensitive to layout
variation. Best performance of the LP8725 will be realized by maintaining tight physical coupling of the grounds
of the input capacitor, output capacitor and GND pin for each switcher. The inductor should be placed in a way
that best allows the switching node, output node, and track to the load circuit to be routed easily.
The grounding is very important and any additional resistance/inductance should be minimized. A ground
polygon and/or plane should be used to tie all capacitor grounds together and directly to the buck GNDs. See the
layout scheme below as an example.
Finally, the feedback nets should be routed, where possible route this away from any switching nodes and tie
into the output node of the regulator. The FB lines should closely match the GND routing to reduce the inductive
loop of this pair. The FB and GND lines make up a high-side and low-side sense connection to maintain the
accuracy of the switcher outputs. If the FB line should cross the switching trace make this as close to
perpendicular as possible.
Low impedance power connections should be maintained for all of these connections. Care should also be given
to the ground routing for input lines and output lines to minimize inductive loops, normally this should be taken
care of by suitable ground planes.
As this is a dual buck device there are a number of aspects to be aware of. The switchers are almost a complete
mirror image of one another on the part which leads to the possibility of symmetrical placement and layout about
the part. Symmetrical layout will give best matching between the two buck devices. However we recommend that
the inputs are kept separate into the device. There are some compromises that have to be considered. In the
case of our example we have used vias to route the VINB12 and VINB2 to allow the close placement of the input
capacitors. The switch node must also be routed via layer2 on the board. Here we have placed a number of vias
to reduce any additional impedance.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com