Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1201ARCP Datasheet(PDF) 3 Page - Texas Instruments

Part # TLK1201ARCP
Description  Single Monolithic PLL Design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK1201ARCP Datasheet(HTML) 3 Page - Texas Instruments

  TLK1201ARCP_16 Datasheet HTML 1Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 2Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 3Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 4Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 5Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 6Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 7Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 8Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
BLOCK DIAGRAM
2:1
MUX
PRBS
Generator
10 Bit
Registers
TD(0-9)
PRBSEN
LOOPEN
Parallel to
Serial
Phase Generator
Clock
REFCLK
Control
Logic
MODESEL
ENABLE
TESTEN
Interpolator
and
Clock Extraction
PRBS
Verification
Serial to Parallel
and
Comma Detect
Clock
RBC1
RBC0
SYNC/PASS
RD(0-9)
SYNCEN
RBCMODE
JTAG
Control
Register
JTMS
JTRSTN
JTDI
TCK
JTDO
2:1
MUX
2:1
MUX
Clock
Data
TXP
TXN
RXP
RXN
LOS
TLK1201ARCP, TLK1201AIRCP
ETHERNET TRANSCEIVERS
SLLS580D – FEBRUARY 2004 – REVISED SEPTEMBER 2007
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
SIGNAL
MODESEL
15
I
Mode select. This terminal selects between the 10-bit interface and a reduced 5-bit DDR
P/D(1)
interface. When low, the 10-bit interface (TBI) is selected. When pulled high, the 5-bit DDR mode
is selected. The default mode is the TBI.
LOS
26
O
Loss of signal. Indicates a loss of signal on the high-speed differential inputs RXP and RXN.
If the magnitude of RXP-RXN > 150 mV, then LOS = 1 which is a valid input signal.
If the magnitude of RXP-RXN > 50 mV and < 150 mV, then LOS is undefined.
If the magnitude of RXP-RXN < 50 mV, then LOS = 0 which is a loss of signal.
RBCMODE
32
I
Receive clock mode select. When RBCMODE and MODESEL are low, half-rate clocks are output
P/D(1)
on RBC0 and RBC1. When MODESEL is low and RBCMODE is high, a full baud-rate clock is
output on RBC0 and RBC1 is held low. When MODESEL is high, RBCMODE is ignored and a full
baud-rate clock is output on RBC0 and RBC1 is held low.
RBC0
31
O
Receive byte clock. RBC0 and RBC1 are recovered clocks used for synchronizing the 10-bit
RBC1
30
output data on RD0–RD9. The operation of these clocks is dependent upon the receive clock
mode selected.
In the half-rate mode, the 10-bit output data words are valid on the rising edges of RBC0 and
RBC1. These clocks are adjusted to half-word boundaries in conjunction with synchronous
detect. The clocks are always expanded during data realignment and never slivered or truncated.
RBC0 registers bytes 1 and 3 of received data. RBC1 registers bytes 0 and 2 of received data.
In the normal rate mode, only RBC0 is valid and operates at 1/10th the serial data rate. Data is
aligned to the rising edge.
In the DDR mode, only RBC0 is valid and operates at 1/10th the serial data rate. Data is aligned
on both the rising and falling edges.
(1)
P/D = Internal pulldown
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLK1201ARCP TLK1201AIRCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com