Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1201ARCP Datasheet(PDF) 10 Page - Texas Instruments

Part # TLK1201ARCP
Description  Single Monolithic PLL Design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK1201ARCP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK1201ARCP_16 Datasheet HTML 6Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 7Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 8Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 9Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 10Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 11Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 12Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 13Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATING TABLE
TLK1201ARCP, TLK1201AIRCP
ETHERNET TRANSCEIVERS
SLLS580D – FEBRUARY 2004 – REVISED SEPTEMBER 2007
over operating free-air temperature range (unless otherwise noted)
TLK1201A/TLK1201AI
Supply voltage, VDD (see
(2))
–0.3 V to 3 V
Input voltage range at TTL terminals, VI
–0.5 V to 4 V
Input voltage range at any other terminal
–0.3 V to VDD +0.3 V
Storage temperature, Tstg
–65
°C to 150°C
Electrostatic discharge
CDM: 1 kV, HBM:2 kV
TLK1201A
0
°C to 70°C
Characterized free-air operating temperature range
TLK1201AI
–40
°C to 85°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
TA ≤ 25°C
OPERATING FACTOR(1)
TA = 70°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
RCP64(2)
5.25 W
46.58 mW/
°C
2.89 W
RCP64(3)
3.17 W
23.70 mW/
°C
1.74 W
RCP64(4)
2.01 W
13.19 mW/
°C
1.11 W
(1)
This is the inverse of the traditional junction-to-ambient thermal resistance (RΘJA).
(2)
2 oz. Trace and copper pad with solder
(3)
2 oz. Trace and copper pad without solder
(4)
Standard JEDEC high-K board
Thermal Characteristics
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Board-mounted, no air flow, high conductivity TI
recommended test board, chip soldered or greased to
21.47
thermal land
Junction-to-free-air thermal
RΘJA
Board-mounted, no air flow, high conductivity TI
°C/W
resistance
recommended test board with thermal land but no solder or
42.2
grease thermal connection to thermal land
Board-mounted, no air flow, JEDEC test board
75.83
Board-mounted, no air flow, high conductivity TI
recommended test board, chip soldered or greased to
0.38
thermal land
Junction-to-case-thermal
RΘJC
Board-mounted, no air flow, high conductivity TI
°C/W
resistance
recommended test board with thermal land but no solder or
0.38
grease thermal connection to thermal land
Board-mounted, no air flow, JEDEC test board
7.8
10
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): TLK1201ARCP TLK1201AIRCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com