Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1201ARCP Datasheet(PDF) 4 Page - Texas Instruments

Part # TLK1201ARCP
Description  Single Monolithic PLL Design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK1201ARCP Datasheet(HTML) 4 Page - Texas Instruments

  TLK1201ARCP_16 Datasheet HTML 1Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 2Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 3Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 4Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 5Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 6Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 7Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 8Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
TLK1201ARCP, TLK1201AIRCP
ETHERNET TRANSCEIVERS
SLLS580D – FEBRUARY 2004 – REVISED SEPTEMBER 2007
Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
RD0–RD9
45, 44,
O
Receive data. When in TBI mode (MODESEL = low), these outputs carry 10-bit parallel data
43, 41,
output from the transceiver to the protocol layer. The data is referenced to terminals RBC0 and
40, 39,
RBC1, depending on the receive clock mode selected. RD0 is the first bit received. When in the
38, 36,
DDR mode (MODESEL = high), only RD0–RD4 are valid. RD5–RD9 are held low. The 5-bit
35, 34
parallel data is clocked out of the transceiver on the rising edge of RBC0.
REFCLK
22
I
Reference clock. REFCLK is an external input clock that synchronizes the receiver and
transmitter interface (60 MHz to 130 MHz). The transmitter uses this clock to register the input
data (TD0–TD9) for serialization. In the TBI mode that data is registered on the rising edge of
REFCLK.
In the DDR mode, the data is registered on both the rising and falling edges of REFCLK with the
most significant bits aligned on the rising edge of REFCLK.
RXP
54
PECL I
Differential input receive. RXP and RXN together are the differential serial input interface from a
RXN
52
copper or an optical I/F module.
SYNCEN
24
I
Synchronous function enable. When SYNCEN is high, the internal synchronization function is
P/U(2)
activated. When this function is activated, the transceiver detects the K28.5 comma character
(0011111 negative beginning disparity) in the serial data stream and realigns data on byte
boundaries if required. When SYNCEN is low, serial input data is unframed in RD0–RD9.
SYNC/PASS
47
O
Synchronous detect. The SYNC output is asserted high upon detection of the comma pattern in
the serial data path. SYNC pulses are output only when SYNCEN is activated (asserted high). In
PRBS test mode (PRBSEN = high), SYNC/PASS outputs the status of the PRBS test results
(high = pass).
TD0–TD9
2-4, 6-9,
I
Transmit data. When in the TBI mode (MODESEL = low) these inputs carry 10-bit parallel data
11-13
output from a protocol device to the transceiver for serialization and transmission. This 10-bit
parallel data is clocked into the transceiver on the rising edge of REFCLK and transmitted as a
serial stream with TD0 sent as the first bit.
When in the DDR mode (MODESEL = high) only TD0–TD4 are valid. The 5-bit parallel data is
clocked into the transceiver on the rising and falling edge of REFCLK and transmitted as a serial
stream with TD0 sent as the first bit.
TXP
62
PECL
Differential output transmit. TXP and TXN are differential serial outputs that interface to a copper
TXN
61
O
or an optical I/F module. TXP and TXN are put in a high-impedance state when LOOPEN is high
and are active when LOOPEN is low.
TEST
ENABLE
28
I
When this terminal is low, the device is disabled for Iddq testing. RD0–RD9, RBCn, TXP, and
P/U(3)
TXN are high impedance. The pullup and pulldown resistors on any input are disabled. When
ENABLE is high, the device operates normally.
JTDI
48
I
Test data input. IEEE1149.1 (JTAG)
P/U(3)
JTDO
27
O
Test data output. IEEE1149.1 (JTAG)
JTMS
55
I
Test mode select. IEEE1149.1 (JTAG)
P/U(3)
JTRSTN
56
I
Reset signal. IEEE1149.1 (JTAG)
P/U(3)
LOOPEN
19
I
Loop enable. When LOOPEN is high (active), the internal loop-back path is activated. The
P/D(4)
transmitted serial data is directly routed to the inputs of the receiver. This provides a self-test
capability in conjunction with the protocol device. The TXP and TXN outputs are held in a
high-impedance state during the loop-back test. LOOPEN is held low during standard operational
state with external serial outputs and inputs active.
PRBSEN
16
I
PRBS enable. When PRBSEN is high, the PRBS generation circuitry is enabled. The PRBS
P/D(4)
verification circuit in the receive side is also enabled. A PRBS signal can be fed to the receive
inputs and checked for errors, that are reported by the SYNC/PASS terminal indicating low.
TCK
49
I
Test clock. IEEE1149.1 (JTAG)
TESTEN
17
I
Manufacturing test terminal
P/D(4)
(2)
P/U = Internal pullup
(3)
P/U = Internal pullup
(4)
P/D = Internal pulldown
4
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): TLK1201ARCP TLK1201AIRCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com