Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1201ARCP Datasheet(PDF) 6 Page - Texas Instruments

Part # TLK1201ARCP
Description  Single Monolithic PLL Design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK1201ARCP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLK1201ARCP_16 Datasheet HTML 2Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 3Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 4Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 5Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 6Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 7Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 8Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 9Page - Texas Instruments TLK1201ARCP_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.ti.com
Data Reception
Receiver Clock Select Mode
td(S)
td(S)
td(H)
td(H)
K28.5
DXX.X
DXX.X
DXX.X
K28.5
DXX.X
RBC0
RBC1
SYNC
RD(0-9)
td(H)
td(S)
K28.5
DXX.X
DXX.X
DXX.X
K28.5
DXX.X
RBC0
SYNC
RD(0-9)
TLK1201ARCP, TLK1201AIRCP
ETHERNET TRANSCEIVERS
SLLS580D – FEBRUARY 2004 – REVISED SEPTEMBER 2007
The receiver portion deserializes the differential serial data. The serial data is retimed based on an interpolated
clock generated from the reference clock. The serial data is then aligned to the 10-bit word boundaries and
presented to the protocol controller along with receive byte clocks (RBC0 and RBC1).
There are two modes of operation for the parallel bus: 1) the 10-bit (TBI) mode and 2) 5-bit (DDR) mode. When
in TBI mode, there are two user-selectable clock modes that are controlled by the RBCMODE terminal: 1)
full-rate clock on RBC0 and 2) half-rate clocks on RBC0 and RBC1. When in the DDR mode, only a full-rate
clock is available on RBC0; see Table 1.
Table 1. Mode Selection
RECEIVE BYTE CLOCK
MODESEL
RBCMODE
MODE
TLK1201A
TLK1201AI
0
0
TBI half-rate
30–65 MHz
30–65 MHz
0
1
TBI full-rate
60–130 MHz
60–130 MHz
1
0
DDR
60–130 MHz
60–130 MHz
1
1
DDR
60–130 MHz
60–130 MHz
In the half-rate mode, two receive byte clocks (RBC0 and RBC1) are 180 degrees out of phase and operate at
one-half the data rate. The clocks are generated by dividing down the recovered clock. The received data is
output with respect to the two receive byte clocks (RBC0 and RBC1) allowing a protocol device to clock the
parallel bytes using the RBC0 and RBC1 rising edges. The outputs to the protocol device, byte 0 of the received
data is valid on the rising edge of RBC1. See the timing diagram shown in Figure 2.
Figure 2. Synchronous Timing Characteristics Waveforms (TBI Half-Rate Mode)
In the normal-rate mode, only RBC0 is used and operates at full data rate (that is, 1.25-Gbps data rate produces
a 125-MHz clock). The received data is output with respect to the rising edge of RBC0. RBC1 is low in this
mode. See the timing diagram shown in Figure 3.
Figure 3. Synchronous Timing Characteristics Waveforms (TBI Full-Rate Mode)
In the double data rate mode, the receiver presents the data on both the rising and falling edges of RBC0. RBC1
is low impedance. The data is clocked bit 0 first, and aligned to the rising edge of RBC0. See the timing diagram
shown in Figure 4.
6
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): TLK1201ARCP TLK1201AIRCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com