Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB686 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB686
Description  Photologic Optical Flag Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB686 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB686 Datasheet HTML 1Page - OPTEK Technologies OPB686 Datasheet HTML 2Page - OPTEK Technologies OPB686 Datasheet HTML 3Page - OPTEK Technologies OPB686 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Photologic® output
Four output options
Mechanical switch replacement
Printed circuit board mounting
Description
The OPB685 series flag switches consist
of an infrared emitting diode and a
monolithic integrated circuit, which
incorporates a photodiode, a linear
amplifier and a Schmitt trigger. A lever
arm actuated flag interrupts the light
beam switching the output between
states that can readily drive logic gates.
Customized lever arms and spring
torques can be designed for specific
applications.
The device features TTL/LSTTL
compatible logic level output which can
drive up to 10 TTL loads over a voltage
range from 4.5 V to 16 V.
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40
o C to +100o C
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40
o C to +100o C
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 sec. with soldering
iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
o C
Input Diode
Forward DC Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
Peak Forward Current (1
µs pulse width, 300 pps) . . . . . . . . . . . . . . . . . . . . . . . . 3.0 A
Reverse DC Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0 V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW
(2)
Output Photologic
®
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Duration of Output Short To VCC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.00 sec
Voltage at Output. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 V
Low Level Output Current (sinking) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240 mW
(3)
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 sec. max. when flow soldering.
(2) Derate linearly 1.33 mW/
o C above 25o C.
(3) Derate linearly 2.50 mW/
o C above 30o C.
Product Bulletin OPB685
July 1996
Photologic
® Optical Flag Switch
Types OPB685, OPB686, OPB687, OPB688
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
12-56


Similar Part No. - OPB686

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB686 OPTEK-OPB686 Datasheet
278Kb / 5P
Photologic짰 Optical Flag Switch
logo
TT Electronics.
OPB686 TTELEC-OPB686 Datasheet
1Mb / 6P
Photologic Optical Flag Switch
OPB686 TTELEC-OPB686 Datasheet
1Mb / 6P
Photologic® Optical Flag Switch
9/2017
More results

Similar Description - OPB686

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
PHOTOLOGIC SLOTTED OPTICAL SWITCH
OPB695 OPTEK-OPB695 Datasheet
416Kb / 5P
Photologic Optical Flag Switch
Jan-2006
logo
TT Electronics.
OPB460T11 TTELEC-OPB460T11 Datasheet
1Mb / 8P
Photologic Slotted Optical Switch
OPB916BOCZ TTELEC-OPB916BOCZ Datasheet
711Kb / 6P
Photologic Slotted Optical Switch
OPB930L51 TTELEC-OPB930L51 Datasheet
1Mb / 8P
Photologic Slotted Optical Switch
OPB941W51Z TTELEC-OPB941W51Z Datasheet
1Mb / 8P
Photologic Slotted Optical Switch
OPB960T51 TTELEC-OPB960T51 Datasheet
1Mb / 6P
Photologic Slotted Optical Switch
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
Photologic Slotted Optical Switch
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
Photologic Slotted Optical Switch
OPB685 TTELEC-OPB685 Datasheet
1Mb / 6P
Photologic Optical Flag Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com