Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB686 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPB686
Description  Photologic Optical Flag Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB686 Datasheet(HTML) 3 Page - OPTEK Technologies

  OPB686 Datasheet HTML 1Page - OPTEK Technologies OPB686 Datasheet HTML 2Page - OPTEK Technologies OPB686 Datasheet HTML 3Page - OPTEK Technologies OPB686 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Types OPB685, OPB686, OPB687, OPB688
Typical Performance Curves
A
K
VCC
OUT
GND
A
K
VCC
OUT
GND
A
K
VCC
OUT
GND
A
K
VCC
OUT
GND
OPB685...Buffer/10K PU
OPB687...Inverter/10K PU
OPB688...Inverter/OC
OPB686...Buffer/OC
Switching Time vs Ambient
Temperature
TA - Ambient Temperature -
oC
Rise Time vs Output Load vs
Ambient Temperature
TA - Ambient Temperature -
oC
Typical Thermal Derating Curve
TA - Ambient Temperature -
oC
Schematics
Safe Operating
Area
VCC = 5 V
IF = 0 or 10 mA
f = 10 KHz
D.C. = 50%
RL = 300
tf
tr
VCC = 5 V
IF = 0 or 10 mA
f = 10 kHz
DC = 50%
* - Equivalent Output Load
Including Pull-up if Applicable
RL = 2
Ω*
RL = 390*
RL = 300
Ω*
RL = 1
Ω*
No Heat Sink;
Derate 2.50 mW/o C
Above 30o C
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
12-59



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com