Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB686 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB686
Description  Photologic Optical Flag Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB686 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB686 Datasheet HTML 1Page - OPTEK Technologies OPB686 Datasheet HTML 2Page - OPTEK Technologies OPB686 Datasheet HTML 3Page - OPTEK Technologies OPB686 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Types OPB685, OPB686, OPB687, OPB688
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP MAX UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
1.6
V
IF = 10 mA
IR
Reverse Current
100
µA
VR = 3.0 V
Output Photologic
® Sensor
VCC
Operating D.C. Supply Voltage
4.5
16.0
V
IF(+)
LED Positive-Going Threshold Current
0.1
1.8
10.0
mA
VCC = 5.0 V
IF(+)/IF(-)
Hysteresis Ratio
1.05
1.20
1.60
VCC = 5.0 V
ICCH
High Level Supply Current:
5.0
12.0
mA
VCC = 16 V, No Load On Output,
IF = 10 mA
Buffer, 10K Pull-up
OPB685
Buffer, Open-Collector
OPB686
Inverter, 10K Pull-up
OPB687
4.0
12.0
mA
VCC = 16 V, No Load On Output,
IF = 0 mA
Inverter, Open-Collector
OPB688
ICCL
Low Level Supply Current:
5.5
12.0
mA
VCC = 16 V, No Load On Output,
IF = 0 mA
Buffer, 10K Pull-up
OPB685
Buffer, Open-Collector
OPB686
4.0
12.0
Inverter, 10K Pull-up
OPB687
6.5
12.0
mA
VCC = 16 V, No Load On Output,
IF = 10 mA
Inverter, Open-Collector
OPB688
5.0
12.0
VOH
High Level Output Voltage:
(VCC-1.5)
(5)
V
IOH = 100
µA, IF = 10 mA
Buffer, 10K Pull-up
OPB685
Inverter, 10K Pull-up
OPB687 (VCC-1.5)(5)
V
IOH = 100
µA, IF = 0 mA(4)
IOH
High Level Output Current:
100
µA
VCC = 16 V, VOH = 30 V, IF = 10 mA
Buffer, Open-Collector
OPB686
Inverter, Open-Collector
OPB688
100
µA
VCC = 16 V, VOH = 30 V, IF = 0 mA
VOL
Low Level Output Voltage:
0.4
V
VCC = 4.5 V, IOL = 16 mA, IF = 0 mA
(4)
Buffer, 10K Pull-up
OPB685
Buffer, Open-Collector
OPB686
Inverter, 10K Pull-up
OPB687
0.4
V
VCC = 4.5 V, IOL = 16 mA, IF = 10 mA
Inverter, Open-Collector
OPB688
tr, tf
Output Rise Time, Output Fall Time
30
ns
VCC = 5 V, IF = 0 or 10 mA, f = 10 kHz,
D.C. = 50%, RL = 300
tPLH
Propagation Delay, Low-High
1.0
µs
Buffer, 10K Pull-up
OPB685
Buffer, Open-Collector
OPB686
Inverter, 10K Pull-up
OPB687
2.0
µs
Inverter, Open-Collector
OPB688
tPHL
Propagation Delay, High-Low
2.0
µs
Buffer, 10K Pull-up
OPB685
Buffer, Open-Collector
OPB686
Inverter, 10K Pull-up
OPB687
1.0
µs
Inverter, Open-Collector
OPB688
(4) Normal application would be with light source blocked, simulated by IF = 0mA.
(5) VOH = VCC-1.5V for VCC = 4.5V to 16V.
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
12-57



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com