Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB686 Datasheet(PDF) 4 Page - OPTEK Technologies

Part # OPB686
Description  Photologic Optical Flag Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB686 Datasheet(HTML) 4 Page - OPTEK Technologies

  OPB686 Datasheet HTML 1Page - OPTEK Technologies OPB686 Datasheet HTML 2Page - OPTEK Technologies OPB686 Datasheet HTML 3Page - OPTEK Technologies OPB686 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Types OPB685, OPB686, OPB687, OPB688
Typical Performance Curves
TA - Ambient Temperature -
oC
Normalized Forward Voltage vs
Ambient Temperature
Forward Current vs Forward
Voltage Input Diode
IF - Forward Current - mA
Trigger Current vs Ambient
Temperature
TA - Ambient Temperature -
oC
VCE = 5 V
IF = 5 mA
Normalized to
TA = 25o C
TA - Ambient Temperature -
oC
Normalized Supply Current vs
Ambient Temperature
OPB685, OPB687 Normalized
High Level Output Voltage vs
Ambient Temperature
TA - Ambient Temperature -
oC
OPB686, OPB688 High Level
Output Current vs Ambient
Temperature
TA - Ambient Temperature -
oC
Low Level Output Voltage vs
Ambient Temperature
TA - Ambient Temperature -
oC
OPB685, OPB686 Propagation
Delay vs Ambient Temperature
TA - Ambient Temperature -
oC
ICCH, ICCL
VCC = 16 V
VOH = 30 V
VCC = 5 V
IF = 0 or 10 mA
f = 10 kHz
DC = 50%
RL = 300
ITLH
ITHL
VCC = 5 V
Output Unloaded
VCC = 5 V
Output Unloaded
VCC = 4.5 V
IOL = 16 mA
VOL
VOH
VCC = 16 V
IOH = 100
µA
OPB687, OPB688 Propagation
Delay vs Ambient Temperature
TA - Ambient Temperature -
oC
VCC = 5 V
IF = 0 or 10 mA
f = 10 kHz
DC = 50%
RL = 300
tPLH
tPHL
IF @ 500 ms pulse width
IOH
tPHL
tPLH
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
12-58



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com