Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3875 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 21Page - National Semiconductor (TI) DS3875 Datasheet HTML 22Page - National Semiconductor (TI) DS3875 Datasheet HTML 23Page - National Semiconductor (TI) DS3875 Datasheet HTML 24Page - National Semiconductor (TI) DS3875 Datasheet HTML 25Page - National Semiconductor (TI) DS3875 Datasheet HTML 26Page - National Semiconductor (TI) DS3875 Datasheet HTML 27Page - National Semiconductor (TI) DS3875 Datasheet HTML 28Page - National Semiconductor (TI) DS3875 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
50 Arbitrating for Futurebusa (Continued)
TLH10747 – 18
FIGURE 7c Phase 2 Arbitration State Diagram
Note 1
Idle Bus Arbitration during Phase 2 is not an internal state of the Arbitration Controller It is shown in this state diagram only to give a better understanding
of Phase 2 arbitration
Note 2
Bus Grant ( BGRNT ) is driven by the arbitration controller during Phase 2 only if IBA was successful for this module and the Arbitration settling time (ta)
has not expired Also DI is shown here to indicate that IBA is allowed to select a new Master DI is not an Arbitration Controller signal DI is represented here for
completeness shake only to give a better understanding Also external logic will release the bit on the Parallel data bus
Note 3
This transition to Phase 3 occurs when this module was competing its arbitration settling time expired and the one micro-second Phase 2 error timer has
not expired
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com