Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3875 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 17Page - National Semiconductor (TI) DS3875 Datasheet HTML 18Page - National Semiconductor (TI) DS3875 Datasheet HTML 19Page - National Semiconductor (TI) DS3875 Datasheet HTML 20Page - National Semiconductor (TI) DS3875 Datasheet HTML 21Page - National Semiconductor (TI) DS3875 Datasheet HTML 22Page - National Semiconductor (TI) DS3875 Datasheet HTML 23Page - National Semiconductor (TI) DS3875 Datasheet HTML 24Page - National Semiconductor (TI) DS3875 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
50 Arbitrating for Futurebusa (Continued)
MGRQ will be given a higher priority and will be acted
upon during this arbitration cycle
BRQ will wait to arbi-
trate during the next arbitration cycle
5 A Bus Request ( BRQ ) will cause APO to be asserted
(if it is doing Single Pass or the First Pass of Two-Pass
Arbitration) This will cause the Futurebusa AP to be
asserted and will indicate to the other modules that an
arbitration competition is beginning
Note that the user will violate the Futurebusa specification
if he leaves the local modules resources locked ( LKD )
and has IBA enabled in the arbitration controller This inci-
dent is dangerous because it could lead to another module
winning IBA with the local modules resources being locked
If the other module tried to access the local modules re-
sources it would result in deadlock
5512 Phase 0 Idle Bus Arbitration Events That Cause
a Transition to Phase 1
If IBA is desired and the arbitration cycle is in Phase 0
( APO
AQI ARO) the parallel bus is idle (AS
AK
AI )
and DS has been released for a minimum period of time
(Futurebusa spec) the Masters external logic may assert
DS
This will alert any module capable of doing IBA that
IBA has been enabled
5513 Phase 0 Parking
The aim of Parking is to give the Futurebusa bus master
quick access to the bus to perform other transfers when no
one else desires to use it If Parking is enabled ( IBA
PK )
and is successful the arbitration controller will issue BGNT
in Phase 0 If another module gets a message request or
bus request the arbitration competition cycle begins like it
normally does to handle the request (see Section 554 for
more information)
552 Phase 1 Decision Phase
This Phase is characterized by AP and AR asserted and
AQ
released on Futurebusa
See
Figure 7b for the
DS3875 Arbitration Controller Phase 1 state diagram
The arbitration controller will be asserting APO and ARO
and negating AQO This is the state of the arbitration syn-
chronization lines when the decision phase (1) is in prog-
ress
During Phase 1 the individual modules must make the deci-
sion whether they want to compete This decision will be
based upon the state of the modules bus request message
request or locked status ( BRQ or MSGRQ or LKD )at
the time APO is asserted Since this condition is subject to
mestastability a metastable hardened latch is used internal
to the DS3875 to resolve this potential condition
If the module is going to compete the arbitration competition
number (CN(70)) and its parity bit (CNp) will be asserted to
the arbitration transceiver Latch enable of the arbitration
transceiver will be asserted and negated ( CN
LE assert-
ed for 20 ns) to latch in the arbitration number and compete
will be asserted ( CMPT ) to enable the arbitration competi-
tion number onto Futurebusa
If the module is a slow module ( FS
see Section 76) the
arbitration handshake signal AC0O will be asserted
Once the decision to compete has been made the arbitra-
tion handshake signal ( AC1O) that cancels the arbitration
cycle will be negated The Programmable Skew (PS(10))
gives time for the arbitration number to become valid on
Futurebusa before ARO is negated Once the Programma-
ble Skew has timed out ARO will be negated Once all mod-
ules have negated AR the arbitration cycle will transition to
Phase 2
Once all modules have negated AR a1 ms timer is started
This timer is used to guarantee that the competition cycle
does not get stuck in phase 2 During Phase 2 the winner of
the competition cycle after waiting its tA (arbitration settling
time) time transitions the cycle to Phase 3 The timer is
used to prevent livelock where the winning module may not
transition the cycle to Phase 3
5521 Phase 1 Idle Bus Arbitration Events That Cause
a Transition to Phase 2
During phase 1 the arbitration controller will output
IBA
CPT
When the external logic sees
IBA
CTP and the
parallel bus is inactive (AS
AK
AI ) it should drive one
of the data bits of the parallel addressdata bus
553 Phase 2 Competition Phase
This Phase is characterized by AP asserted and AQ and
AR
released on Futurebusa
See
Figure 7c for the
DS3875 Arbitration Controller Phase 2 state diagram
The arbitration controller will be asserting APO negating
AQO and receiving ARI negated This is the state of the
arbitration synchronization lines when the competition
phase (2) is in progress
While in Phase 2 the following actions are performed
1 AB
RE is asserted after 30 ns This allows the arbitra-
tion controller to monitor the winning competition num-
ber
2 The FIFO STRobe is now asserted ( FSTR )
There are two conditions that can cause AQO to be assert-
ed causing a transition to Phase 3
1 The AQI input being asserted
2 Competing arbitration competition settling time (ta) ex-
pired one ms Phase 2 arbitration error timer not expired
and the WIN
GT input being asserted
5531 Phase 2 Idle Bus Arbitration Events That Cause
a Transition to Phase 3
The external logic should drive the IBA Success signal
( IBA
S ) during phase 2 if DI is released only this mod-
ules data bit is driven on the data bus and the arbitration
settling Time (ts) has not expired
When the arbitration controller sees
IBA
S asserted it
will issue bus grant ( BGRNT ) to give access of the bus to
the module that won the IBA If two or more modules have a
request then normal arbitration will determine which mod-
ule will gain access
554 Phase 3 Error Check Phase
This Phase is characterized by AP and AQ asserted AR
released on Futurebusa See
Figure 7d for the DS3875
Arbitration Controller Phase 3 state diagram Also see
Fig-
ures 6b c d for how AS
CANCEL relates to Phase 3
The arbitration controller will be asserting APO and AQO
and negating ARO This is the state of the arbitration syn-
chronization lines when the error check phase (3) is in prog-
ress
While in Phase 3 the following actions are performed
1 If the module is a competitor and winner of the arbitra-
tion the W(winner) bit in the STATUS register is set
2 Upon entering phase 3 after 20 ns AB
RE is negated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com