Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3875 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 3Page - National Semiconductor (TI) DS3875 Datasheet HTML 4Page - National Semiconductor (TI) DS3875 Datasheet HTML 5Page - National Semiconductor (TI) DS3875 Datasheet HTML 6Page - National Semiconductor (TI) DS3875 Datasheet HTML 7Page - National Semiconductor (TI) DS3875 Datasheet HTML 8Page - National Semiconductor (TI) DS3875 Datasheet HTML 9Page - National Semiconductor (TI) DS3875 Datasheet HTML 10Page - National Semiconductor (TI) DS3875 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
20 Introduction to Futurebusa
Arbitration (Continued)
21 THE ARBITRATION STATES
Figure 1 is an Arbitration State Diagram showing four states
that a module may enter as well as the events that cause
the module to change states during the arbitration process
Transitions from one state to another occur only when cer-
tain conditions are met based on the arbitration phase and
the arbitration bus lines Once a control acquisition cycle
has started all modules must participate in the arbitration to
remain synchronized within the system
TLH10747 – 3
FIGURE 1
30 Introduction to DS3875
Arbitration Controller
The DS3875 Arbitration Controller implements the complete
requirements fo the IEEE 8961 specifications For example
both arbitration modes of operation (Unrestricted and Re-
stricted) are supported Also either Idle Bus Arbitration or
Parking may be selected for cases when only one request
or no request for bus competition exist The controller is
software configurable to operate as a slowfast module
This selects the minimum time the arbitration controller
must wait during the arbitration competition before it can
read the resulting competition status This delay allows arbi-
tration competition lines (AB 7
0
ABP ) to settle due
to several arbitration numbers being applied to them (Wire-
ored bus lines) Further a built-in PLL which accepts a
clock signal from 2 MHz to 40 MHz in steps of 1 MHz
controls several programmable delay lines used for releas-
ing ar
after issuing CMPT
IBA
CMPT
(PS(10)) This
delay compensates for the chip to chip skew to ensure suffi-
cient time to drive the arbitration competition number onto
the arbitration competition lines during normal arbitration or
to assert the ADDATA lines during Idle Bus Arbitration be-
fore releasing ar
Internally the PLL also generates the 1
m
s timer used during arbitration phase 2 and phase 4
The Arbitration Controller supports Arbitration message
sending A FIFO strobe FSTR
is provided to store more
than one arbitration message externally to prevent overrun
Also a hardwired register contains the first word of the arbi-
tration message (h 1ff) Additional registers which hold arbi-
tration numbers status information controller configuration
information and an arbitration message can be accessed
by the host through ReadWrite operations For outgoing
arbitration numbers the on chip parity generator unloads
the host of the parity generation function For incoming arbi-
tration numbers the DS3885 Arbitration Transceiver per-
forms the parity check function and drives the PER input
signal to the Controller Separate interrupt pins for error oc-
currence reception of an arbitration message and recep-
tion of Powerfail message are available These interrupts
are cleared by performing a dummy write cycle to these
registers
31 DS3875 Futurebusa Arbitration Controller (Distrib-
uted) Configuration for IEEE 8961 Compliance
The DS3875 Futurebusa Arbitration Controller implements
the complete requirements of the IEEE 8961 specification
On chip reset (RST ) the arbiter defaults to the 8961 com-
pliance configuration features
The D53875 Distributed Arbiter was designed before the
8961 specification was finalized Thus it contains additional
options that can he selected in proprietary bus applications
or 8961 compatible bus applications There are three fea-
tures in total that can be chosen through register program-
ming
First an explanation of each feature will be given so that if
an application can take advantage of the option it can be
programmed Then the 8961 compliance configuration is
given so the arbiter will operate in complete accordance
with the specification
Arbitration Number UnrestrictedRestricted Mode
In Distributed Arbitration both priority and fairness protocols
are implemented Applications requiring quick access to the
Futurebusa backplane can be assigned high priority to re-
duce bus latency times Applications with the same (equal)
need of the backplane bus a fairness protocol is guaran-
teed Thus distributed arbitration implements a fairness pro-
tocol for modules assigned the same priority classification
The arbitration competition number encodes this informa-
tion onto eight lines AB 70 and arbitration number line
ABP The Arbitration competition number consists of three
fields priority round robin and geographical address Dis-
tributed Arbitration protocol allows from 1 to 256 priority lev-
els Systems not requiring more then two priority levels a
single pass competition number will suffice one bit for prior-
ity Systems with greater then two priority levels implement-
ed will need a two pass competition number where eight
bits are allocated for priority representation Now the com-
petition number exactly contains 5 bits for geographical ad-
dress (this guarantees uniqueness) 1 bit for round robin
either 1 bit for priority (single pass) or 8 bits for priority (two
pass) and 1 bit to designate if the number is single pass or
two pass (Refer to Table II on page 14)
When the DS3875 was designed two modes of operation
were defined Unrestricted and Restricted The Unrestricted
mode allowed one and two pass competition numbers to
coexist in a system The Restricted mode allowed only one
pass competition numbers Now the 8961 specification
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com