Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3875 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 35Page - National Semiconductor (TI) DS3875 Datasheet HTML 36Page - National Semiconductor (TI) DS3875 Datasheet HTML 37Page - National Semiconductor (TI) DS3875 Datasheet HTML 38Page - National Semiconductor (TI) DS3875 Datasheet HTML 39Page - National Semiconductor (TI) DS3875 Datasheet HTML 40Page - National Semiconductor (TI) DS3875 Datasheet HTML 41Page - National Semiconductor (TI) DS3875 Datasheet HTML 42Page - National Semiconductor (TI) DS3875 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
70 Register Description (Continued)
716 REV NO
(ADD(30) e 1111)
Revision number of the controller
76543210
R7
R6
R5
R4
R3
R2
R1
R0
Bit
Symbol
Description
0 – 7
R(07)
REV NO
80 Programming Registers
During power up
the registers should be initially pro-
grammed The host may readwrite tofrom the register
block at any time The host may select to write data into the
register either on the falling edge of DSACK or on the ris-
ing edge of CS
A zero on the SEL input pin configures the
controller to latch in data on the falling edge of DSACK
while a one sets the controller to latch in data on the rising
edge of CS
Refer to the timing diagrams (see
Figures T2a
b c )
81 HOST WRITE CYCLE USING FALLING EDGE OF
DSACK
(Figure T2A)
1 R
W signal is negated
ADD(30) contains the address of the register to be ac-
cessed (Note The setup time with respect to CS must
be satisfied)
2 CS is asserted ( CS )
3 When the proper setup time of CS to the rising edge of
clock is met and CS is low for at least 3 clock cycles
then DATA(70) will be latched into the register by the
falling edge of DSACK
on the 3rd rising clock edge
after the assertion of CS
If the CS setup time is not
met and CS
is low for at least 3 clock cycles then
DSACK is asserted and the data (DATA(70)) is latched
into the arbitration register on the following 3rd or 4th
rising clock edge after the assertion of CS
IfCS
is
negated (CS ) before 3 clock cycles then DSACK
is
not generated and as a default DATA (70) is latched
into the arbitration controller register on the rising edge
of CS
4 Host negates CS
5 Arbitration Controller negates DSACK
(DSACK )ifit
was asserted
82 HOST WRITE CYCLE USING RISING EDGE OF CS
(Figure T2b)
1 R
W signal is negated
ADD(30) contains the address of the register to be ac-
cessed (Note The setup time with respect to CS must
be satisfied)
2 CS is asserted ( CS )
3 DSACK is asserted ( DSACK ) by the Arbitration Con-
troller when CS is asserted for at least three clock cy-
cles If CS is negated (CS ) before three clock cycles
DSACK
is not asserted The DSACK
signal may be
used or ignored by the system designer in this case
4 Host negates CS
DATA (70) which satisfied the setup
time to the rising edge of CS is latched into the arbitra-
tion controller register
5 Arbitration Controller negates DSACK
(DSACK )ifit
was asserted
83 HOST READ CYCLE
(Figure T2c)
1 R
W signal is set high
ADD (30) contains the address of the register to be ac-
cessed (Note The setup time with respect to CS must
be satisfied)
2 CS is asserted ( CS )
3 The data will be available on the DATA (70) bus within
the access time specified in the AC timing section
4 The Data Strobe ACKnowledge (DSACK ) signal is gen-
erated as an acknowledge to the host signifying the va-
lidity of the accessed data DSACK may be used to in-
sert WAIT states to the host during a host read cycle
When the proper setup time of CS to the rising edge of
clock is met and CS is low for at least three clock cy-
cles DSACK is asserted ( DSACK ) on the 3rd rising
clock edge after the assertion of CS
If the CS setup
time was not met and CS is low for at least three clock
cycles then DSACK is asserted on the following 3rd or
4th rising clock edge after the assertion of CS
IfCS is
not low for at least 3 clock cycles DSACK is not gener-
ated
5 Host reads data and negates CS (CS )
6 Arbitration Controller negates DSACK
(DSACK )ifit
was asserted
90 ClockTimerDelay Lines
(See
Figure 9 ) The input clock signal (CLK) to the arbitra-
tion controller is assumed to be a clock from 2 MHz to 40
MHz in steps of 1 MHz
The clock signal is also used for synchronization purposes
during read or write transfers This is accomplished by syn-
chronizing the DSACK (Data Strobe Acknowledge) output
from the Arbitration Controller to the clock during arbitration
controller register reads or writes
The binary value of the input clock (CLK) frequency is load-
ed into the CTRL1 50 register This value is used to pro-
gram the divide by n counter to scale the input clock down
to a 1 MHz clock internally The PLL ring oscillator also has
a clock divider (divide by 40) to scale it down toa1MHz
clock These two clocks are compared and the difference
between the two clocks is fed back to the ring oscillator to
cause it to lock onto the appropriate frequency
The PLL is used to generate several programmable delay
lines and the 1 ms Timer used during phase 2 and phase 4
The 1 ms timer divide by 40 divider and divide by n divider
can be tested to determine proper functionality Refer to
Testing the Arbitration Controller and Register Description
sections for details
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com