Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3884A Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3884A
Description  BTL Handshake Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3884A Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS3884A Datasheet HTML 1Page - National Semiconductor (TI) DS3884A Datasheet HTML 2Page - National Semiconductor (TI) DS3884A Datasheet HTML 3Page - National Semiconductor (TI) DS3884A Datasheet HTML 4Page - National Semiconductor (TI) DS3884A Datasheet HTML 5Page - National Semiconductor (TI) DS3884A Datasheet HTML 6Page - National Semiconductor (TI) DS3884A Datasheet HTML 7Page - National Semiconductor (TI) DS3884A Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics (Note 6)
T
A = 0˚C to +70˚C, VCC =5V ±10%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER
t
PHL
Dn to Bn
Prop. Delay
DE* = 0V
135
ns
t
PLH
(
Figure 1, Figure 2 )
135
ns
t
PHL
DE* to Bn
Enable Time
Dn = 3V
2
4
6
ns
t
PLH
Disable Time
(
Figure 1, Figure 3 )
246
ns
t
r
Transition Time — Rise/Fall
(
Figure 1, Figure 2 )
1
2
3.5
ns
t
f
20% to 80%
1
2
3.5
ns
SR
Skew Rate is Calculated
(Note 11)
0.5
V/ns
from 1.3V to 1.8V
t
skew
Skew between Drivers in
(Note 7)
1
3
ns
the Same Package
RECEIVER
t
PHL
Bn to Rn
Prop. Delay
DE* = 3V
245
ns
t
PLH
(
Figure 4, Figure 5 )
246
ns
t
skew
Skew between Receivers in
(Note 7)
1
3
ns
Same Package
FILTERED RECEIVER
t
PHL
Bn to FRn
Prop. Delay
PS1 = 0V
PS2 = 0V
DE* = 3V
6
12
16
ns
(
Figure 4, Figure 5 ), R
EXT =13 kΩ
PS1=0V
PS2=3V
DE* = 3V
111621
ns
(
Figure 4, Figure 5 ), R
EXT =13 kΩ
PS1=3V
PS2=0V
DE* = 3V
152127
ns
(
Figure 4, Figure 5 ), R
EXT =13 kΩ
PS1=3V
PS2=3V
DE* = 3V
253345
ns
(
Figure 4, Figure 5 ), R
EXT =13 kΩ
t
PLH
Bn to FRn
Prop. Delay
DE* =3V (
Figure 4, Figure 5 )
(Note 8)
257
ns
R
EXT =13 kΩ
t
GR
Glitch Rejection
PS1 = 0V
PS2 = 0V
DE* =3V
5
9
16
ns
(
Figure 4, Figure 6 ), R
EXT =13 kΩ
PS1=0V
PS2=3V
DE* = 3V
101318
ns
(
Figure 4, Figure 6 ), R
EXT =13 kΩ
PS1=3V
PS2=0V
DE* = 3V
141824
ns
(
Figure 4, Figure 6 ), R
EXT =13 kΩ
PS1=3V
PS2=3V
DE* = 3V
243142
ns
(
Figure 4, Figure 6 ), R
EXT =13 kΩ
FILTERED RECEIVER TIMING REQUIREMENTS
t
s
PSn to Bn
Set-Up Time
(
Figure 7 ), R
EXT =13 kΩ
250
ns
PARAMETERS NOT TESTED
Coutput
Capacitance at Bn
(Note 9)
5
pF
t
NR
Noise Rejection
(Note 10)
1
ns
Note 6: Input waveforms shall have a rise/fall time of 3 ns.
Note 7: tskew is an absolute value defined as differences seen in propagation delays between drivers in the same package with identical load conditions.
Note 8: Filtered receiver tPLH is independent of filter setting.
Note 9: The parameter is tested using TDR techniques described in P1194.0 BTL Backplane Design Guide.
Note 10: This parameter is tested during device characterization. The measurements revealed that the part will reject 1 ns pulse width.
Note 11: Futurebus+ transceivers are required to limit bus signal rise and fall times to no faster than 0.5V/ns, measured between 1.3V and 1.8V (approximately 20%
to 80% of nominal voltage swing). The rise and fall times are measured with a transceiver loading equivalent to 12.5
Ω tied to +2.1V DC.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com