Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3884A Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3884A
Description  BTL Handshake Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3884A Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS3884A Datasheet HTML 1Page - National Semiconductor (TI) DS3884A Datasheet HTML 2Page - National Semiconductor (TI) DS3884A Datasheet HTML 3Page - National Semiconductor (TI) DS3884A Datasheet HTML 4Page - National Semiconductor (TI) DS3884A Datasheet HTML 5Page - National Semiconductor (TI) DS3884A Datasheet HTML 6Page - National Semiconductor (TI) DS3884A Datasheet HTML 7Page - National Semiconductor (TI) DS3884A Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Pin Descriptions
Pin Name
Number of
Input/
Description
Pins
Output
B1–B6
6
I/O
BTL receiver input and driver output
B1GND–B6GND
6
NA
Driver output ground reduces bounce due to high
current switching of driver outputs
(Note 12)
DE*
1
I
Driver Enable Low
D1–D6
6
I
TTL Driver Input
FR1–FR3
3
O
TTL Filtered Receiver Output
GND
3
NA
Ground reference for switching circuits.
(Note 12)
LI
1
NA
Power supply for live insertion. Boards that require live
insertion should connect LI to the live insertion pin on
the connector. (Note 13)
NC
4
NA
No Connect
PS1, PS2
2
I
Pulse Width Selection pin determines glitch filter setting
(Note 14)
R1–R6
6
O
TTL Receiver Output
REXT
1
NA
External Resistor pin. External resistor is used for
internal biasing of filter circuitry. The 13 k
Ω resistor shall
be connected between REXT and GND. The resistor
shall have a tolerance of 1% and a temperature
coefficient of 100 ppm/˚C or better.
QGND
2
NA
Ground reference for receiver input bandgap reference
and non-switching circuits (Note 12)
QV
CC
1NA
V
CC supply for bandgap reference and non-switching
circuits (Note 13)
V
CC
2NA
V
CC supply for switching circuits (Note 13)
Note 12: the multiplicity of grounds reduces the effective inductance of bonding wires and leads, which then reduces the noise caused by transients on the ground
path. The various ground pins can be tied together provided that the external ground has low inductance (i.e., ground plane with power pins and many signal pins
connected to the backplane ground). If the external ground floats considerably during transients, precautionary steps should be taken to prevent QGND from moving
with reference to the backplane ground. The receiver threshold should have the same ground reference as the signal coming from the backplane. A voltage offset
between their grounds will degrade the noise margin.
Note 13: The same considerations for ground are used for V CC in reducing lead inductance (see Note 12). QVCC and V CC should be tied together externally. If live
insertion is not supported, the LI pin can be tied together with QVCC and VCC.
Note 14: See AC characteristics for filter setting.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com