Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3884A Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3884A
Description  BTL Handshake Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3884A Datasheet(HTML) 7 Page - National Semiconductor (TI)

  DS3884A Datasheet HTML 1Page - National Semiconductor (TI) DS3884A Datasheet HTML 2Page - National Semiconductor (TI) DS3884A Datasheet HTML 3Page - National Semiconductor (TI) DS3884A Datasheet HTML 4Page - National Semiconductor (TI) DS3884A Datasheet HTML 5Page - National Semiconductor (TI) DS3884A Datasheet HTML 6Page - National Semiconductor (TI) DS3884A Datasheet HTML 7Page - National Semiconductor (TI) DS3884A Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Application Information (Continued)
In Wired-OR applications, the glitch generated as drivers are
released from the bus, is dependent upon the backplane and
parasitic wiring components causing the characteristics of
the glitch to vary in pulse width and amplitude. To accommo-
date this variation the DS3884A features two pins defined as
PS1 and PS2 which allow selection of a 5 ns, 10 ns, 14 ns
and 24 ns filter setting to optimize glitch filtering for a given
situation. The REXT pin is issued in conjunction with the fil-
tering circuitry and requires a 13 k
Ω resistor to ground. For
additional information on Wired-OR glitch, reference Applica-
tion Note AN-774.
The DS3884A driver output configuration is an NPN open
collector which allows Wired-OR connection on the bus.
Each driver output incorporates a Schottky diode in series
with its collector to isolate the transistor output capacitance
from the bus thus reducing the bus loading in the inactive
state. The combined output capacitance of the driver and re-
ceiver input is typically less than 5 pF. The driver also has
high sink current capability to comply with the bus loading re-
quirements defined within IEEE 1194.1 BTL specification.
Backplane Transceiver Logic (BTL) is a signaling standard
that was invented and first introduced by National Semicon-
ductor, then developed by the IEEE to enhance the perfor-
mance of backplane buses. BTL compatible transceivers
feature low output capacitance drivers to minimize bus load-
ing, a 1V nominal signal swing for reduced power consump-
tion and receivers with precision thresholds for maximum
noise immunity. The BTL standard eliminates settling time
delays that severely limit TTL bus performance, and thus
provide significantly higher bus transfer rates. The back-
plane bus is intended to be operated with termination resis-
tors (selected to match the bus impedance) connected to
2.1V at both ends. The low voltage is typically 1V.
Separate ground pins are provided for each BTL output to
minimize induced ground noise during simultaneous switch-
ing.
The device’s unique driver circuitry meets a maximum slew
rate of 0.5V/ns which allows controlled rise and fall times to
reduce noise coupling to adjacent lines.
The transceiver’s high impedance control and driver inputs
are fully TTL compatible.
The receiver is a high speed comparator that utilizes a band-
gap reference for precision threshold control allowing maxi-
mum noise immunity to the BTL 1V signaling level.
Separate QV
CC and QGND pins are provided to minimize
the effects of high current switching noise. Output pins
FR1–FR3 are the filtered outputs and R1–R6 are the unfil-
tered outputs. All receiver outputs are fully TTL compatible.
The DS3884A supports live insertion as defined for Future-
bus+ through the LI (Live Insertion) pin. To implement live in-
sertion the LI pin should be connected to the live insertion
power connector. If this function is not supported the LI pin
must be tied to the V
CC pin. The DS3884A also provides
power up/down glitch free protection during power sequenc-
ing.
The DS3884A has two types of power connections in addi-
tion to the LI pin. They are the Logic V
CC (VCC) and the Quiet
V
CC (QVCC). There are two VCC pins on the DS3884A that
provide the supply voltage for the logic and control circuitry.
Multiple connections are provided to reduce the effects of
package inductance and thereby minimize switching noise.
As these pins are common to the V
CC bus internal to the de-
vice, a voltage difference should never exist between these
pins and the voltage difference between V
CC and QV CC
should never exceed ±0.5V because of ESD circuitry. Addi-
tionally, the ESD circuitry between the V
CC pins and all other
pins except for BTL I/O’s and LI pins requires that any volt-
age on these pins should not exceed the voltage on V
CC +
0.5V.
There are three different types of ground pins on the
DS3884A. They are the logic ground (GND), BTL grounds
(B1GND–B6GND) and the Bandgap reference ground
(QGND). All of these ground reference pins are isolated
within the chip to minimize the effects of high current switch-
ing transients. For optimum performance the QGND should
be returned to the connector through a quiet channel that
does not carry transient switching current. The GND and
B1GND–B6GND should be connected to the nearest back-
plane ground pin with the shortest possible path.
Since many different grounding schemes could be imple-
mented and ESD circuitry exist on the DS3884A, it is impor-
tant to note that any voltage difference between ground pins,
QGND, GND or B1GND–B6GND should not exceed ±5V in-
cluding power up/down sequencing.
Additional transceivers included in the Futurebus+ / BTL
family are; the DS3883A BTL 9-bit Transceiver, and the
DS3886A BTL 9-bit Latching Data Transceiver featuring
edge triggered latches in the driver which may be bypassed
during a fall-through mode and a transparent latch in the re-
ceiver.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com