Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3884A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3884A
Description  BTL Handshake Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3884A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS3884A Datasheet HTML 1Page - National Semiconductor (TI) DS3884A Datasheet HTML 2Page - National Semiconductor (TI) DS3884A Datasheet HTML 3Page - National Semiconductor (TI) DS3884A Datasheet HTML 4Page - National Semiconductor (TI) DS3884A Datasheet HTML 5Page - National Semiconductor (TI) DS3884A Datasheet HTML 6Page - National Semiconductor (TI) DS3884A Datasheet HTML 7Page - National Semiconductor (TI) DS3884A Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS3884A
BTL Handshake Transceiver
General Description
The DS3884A is one in a series of transceivers designed
specifically for the implementation of high performance Fu-
turebus+ and proprietary bus interfaces. The DS3884A is a
BTL 6-bit Handshake Transceiver designed to conform to
IEEE 1194.1 (Backplane Transceiver Logic — BTL) as speci-
fied in the IEEE 896.2 Futurebus+ specification.
Features
n
Fast propagation delay (3 ns typ)
n
6-bit BTL transceiver
n
Selective receiver glitch filtering (FR1–FR3)
n
Meets 1194.1 Standard on Backplane Transceiver Logic
(BTL)
n
Supports live insertion
n
Glitch free power-up/down protection
n
Typically less than 5 pF bus-port capacitance
n
Low Bus-port voltage swing (typically 1V) at 80 mA
n
TTL compatible driver and control inputs
n
Separate TTL I/O
n
Open collector bus-port outputs allow Wired-OR
connection
n
Controlled rise and fall time to reduce noise coupling to
adjacent lines
n
Built in Bandgap reference with separate QV
CC and
QGND pins for precise receiver thresholds
n
Exceeds 2 kV ESD testing (Human Body Model)
n
Individual Bus-port ground pins
n
Product offered in PQFP package styles
Connection Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS011460-1
Order Number DS3884AVF
See NS Package VF44B
August 2000
© 2000 National Semiconductor Corporation
DS011460
www.national.com


Similar Part No. - DS3884A

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
DS3884 MITEL-DS3884 Datasheet
150Kb / 12P
Pythagoras Processor
More results

Similar Description - DS3884A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
BTL 9-Bit Data Transceiver
DS3885 NSC-DS3885 Datasheet
200Kb / 12P
BTL Arbitration Transceiver
logo
Texas Instruments
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
9-BIT TTL/BTL COMPETITION TRANSCEIVER
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
7-BIT TTL/BTL TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com