Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS31 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS31
Description  Quadruple Differential Line Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS31 Datasheet(HTML) 4 Page - Texas Instruments

  AM26LS31 Datasheet HTML 1Page - Texas Instruments AM26LS31 Datasheet HTML 2Page - Texas Instruments AM26LS31 Datasheet HTML 3Page - Texas Instruments AM26LS31 Datasheet HTML 4Page - Texas Instruments AM26LS31 Datasheet HTML 5Page - Texas Instruments AM26LS31 Datasheet HTML 6Page - Texas Instruments AM26LS31 Datasheet HTML 7Page - Texas Instruments AM26LS31 Datasheet HTML 8Page - Texas Instruments AM26LS31 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
AM26LS31, AM26LS31C, AM26LS31I, AM26LS31M
SLLS114K – JANUARY 1979 – REVISED JULY 2016
www.ti.com
Product Folder Links: AM26LS31 AM26LS31M
Submit Documentation Feedback
Copyright © 1979–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential output voltage VOD, are with respect to network GND.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
7
V
VI
Input voltage
7
V
Output off-state voltage
5.5
V
Lead temperature 1,6 mm (1/16 in) from case for 10 s
260
°C
Lead temperature 1,6 mm (1/16 in) from case for 60 s J package
300
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
AM26LS31C
4.75
5
5.25
V
AM26LS31M
4.5
5
5.5
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–20
mA
IOL
Low-level output current
20
mA
TA
Operating free-air temperature
AM26LS31C
0
70
°C
AM26LS31I
–40
85
AM26LS31M
–55
125
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
6.4 Thermal Information
THERMAL METRIC(1)
AM26LS31x
UNIT
D (SOIC)
DB (SSOP)
N (PDIP)
NS (SO)
16 PINS
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance(2)
73
82
67
64
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
38.1
–
–
32.6
°C/W
RθJB
Junction-to-board thermal resistance
34.7
–
–
36.8
°C/W
ψJT
Junction-to-top characterization parameter
7.1
–
–
4.2
°C/W
ψJB
Junction-to-board characterization parameter
34.4
–
–
36.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com