Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS31 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS31
Description  Quadruple Differential Line Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS31 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM26LS31 Datasheet HTML 2Page - Texas Instruments AM26LS31 Datasheet HTML 3Page - Texas Instruments AM26LS31 Datasheet HTML 4Page - Texas Instruments AM26LS31 Datasheet HTML 5Page - Texas Instruments AM26LS31 Datasheet HTML 6Page - Texas Instruments AM26LS31 Datasheet HTML 7Page - Texas Instruments AM26LS31 Datasheet HTML 8Page - Texas Instruments AM26LS31 Datasheet HTML 9Page - Texas Instruments AM26LS31 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
IOH − High-Level Output Current − mA
VCC = 5.25 V
VCC = 4.75 V
VCC = 5 V
TA = 25 C
°
See Note A
4
3
2
1
0
0
−20
−40
−60
−80
−100
TA − Free-Air Temperature − °C
IOH = −20 mA
IOH = −40 mA
VCC = 5 V
See Note A
4
3
2
1
0
0
25
50
75
5
VI − Enable G Input Voltage − V
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
4
3
2
1
0
0
1
2
3
5
6
Load = 470
to VCC
TA = 25 C
°
See Note B
VI − Enable G Input Voltage − V
TA = 25 C
°
TA = 0 C
°
TA = 70 C
°
4
3
2
1
0
0
1
2
3
5
6
VCC = 5 V
Load = 470
to VCC
See Note B
VI − Enable G Input Voltage − V
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
Load = 470
to GND
TA = 25 C
°
See Note A
4
3
2
1
0
0
1
2
3
VI − Enable G Input Voltage − V
VCC = 5 V
Load = 470
to GND
See Note A
TA = 70 C
°
TA = 0 C
°
TA = 25 C
°
4
3
2
1
0
0
1
2
3
6
AM26LS31, AM26LS31C, AM26LS31I, AM26LS31M
SLLS114K – JANUARY 1979 – REVISED JULY 2016
www.ti.com
Product Folder Links: AM26LS31 AM26LS31M
Submit Documentation Feedback
Copyright © 1979–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
A. The A input is connected to VCC during testing of the Y outputs
and to ground during testing of the Z outputs.
Figure 1. Output Voltage vs Enable G Input Voltage
A. The A input is connected to VCC during testing of the Y outputs
and to ground during testing of the Z outputs.
Figure 2. Output Voltage vs Enable G Input Voltage
B. The A input is connected to ground during testing of the Y
outputs and to VCC during testing of the Z outputs.
Figure 3. Output Voltage vs Enable G Input Voltage
B. The A input is connected to ground during testing of the Y
outputs and to VCC during testing of the Z outputs.
Figure 4. Output Voltage vs Enable G Input Voltage
A. The A input is connected to VCC during testing of the Y outputs
and to ground during testing of the Z outputs.
Figure 5. High-Level Output Voltage vs Free-Air
Temperature
A. The A input is connected to VCC during testing of the Y outputs
and to ground during testing of the Z outputs.
Figure 6. High-Level Output Voltage vs High-Level Output
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com