Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS31 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS31
Description  Quadruple Differential Line Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS31 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AM26LS31 Datasheet HTML 9Page - Texas Instruments AM26LS31 Datasheet HTML 10Page - Texas Instruments AM26LS31 Datasheet HTML 11Page - Texas Instruments AM26LS31 Datasheet HTML 12Page - Texas Instruments AM26LS31 Datasheet HTML 13Page - Texas Instruments AM26LS31 Datasheet HTML 14Page - Texas Instruments AM26LS31 Datasheet HTML 15Page - Texas Instruments AM26LS31 Datasheet HTML 16Page - Texas Instruments AM26LS31 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AM26LS31
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
0.1uF
Reduce logic
signal trace
where possible
1A
GND
VCC
13
AM26LS31, AM26LS31C, AM26LS31I, AM26LS31M
www.ti.com
SLLS114K – JANUARY 1979 – REVISED JULY 2016
Product Folder Links: AM26LS31 AM26LS31M
Submit Documentation Feedback
Copyright © 1979–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
Place a 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high
impedance power supplies.
11 Layout
11.1 Layout Guidelines
For best operational performance of the device, use good PCB layout practices, including:
•
Noise can often propagate into analog circuitry through the power supply of the circuit. Bypass capacitors are
used to reduce the coupled noise by providing low impedance power sources local to the analog circuitry.
–
Connect low-ESR, 0.1-μF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
•
Separate grounding for analog and digital portions of circuitry is one of the simplest and most-effective
methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground planes.
A ground plane helps distribute heat and reduces EMI noise pickup. Make sure to physically separate digital
and analog grounds, paying attention to the flow of the ground current.
•
To reduce parasitic coupling, run the input traces as far away from the supply or output traces as possible. If
it is not possible to keep them separate, it is much better to cross the sensitive trace perpendicular as
opposed to in parallel with the noisy trace.
•
Place the external components as close to the device as possible. Keeping RF and RG close to the inverting
input minimizes parasitic capacitance.
•
Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
11.2 Layout Example
Figure 14. Layout Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com