Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS31 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS31
Description  Quadruple Differential Line Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS31 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AM26LS31 Datasheet HTML 8Page - Texas Instruments AM26LS31 Datasheet HTML 9Page - Texas Instruments AM26LS31 Datasheet HTML 10Page - Texas Instruments AM26LS31 Datasheet HTML 11Page - Texas Instruments AM26LS31 Datasheet HTML 12Page - Texas Instruments AM26LS31 Datasheet HTML 13Page - Texas Instruments AM26LS31 Datasheet HTML 14Page - Texas Instruments AM26LS31 Datasheet HTML 15Page - Texas Instruments AM26LS31 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
±3
±2
±1
0
1
2
3
4
5
0
0.1
0.2
0.3
0.4
0.5
Time ( s)
Y
A/B
C001
12
AM26LS31, AM26LS31C, AM26LS31I, AM26LS31M
SLLS114K – JANUARY 1979 – REVISED JULY 2016
www.ti.com
Product Folder Links: AM26LS31 AM26LS31M
Submit Documentation Feedback
Copyright © 1979–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
This example requires the following:
•
5-V power source
•
RS-485 bus operating at 10 Mbps or less
•
Connector that ensures the correct polarity for port pins
9.2.2 Detailed Design Procedure
Place the device close to bus connector to keep traces (stub) short to prevent adding reflections to the bus line.
If desired, add external fail-safe biasing to ensure 200 mV on the A-B port, if the drive is in high impedance state
(see Failsafe in RS-485 data buses).
9.2.3 Application Curve
Figure 13. Differential 120-Ω Terminated Output Waveforms (Cat 5E Cable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com