Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX202CPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MAX202CPWR
Description  5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX202CPWR Datasheet(HTML) 4 Page - Texas Instruments

  MAX202CPWR Datasheet HTML 1Page - Texas Instruments MAX202CPWR Datasheet HTML 2Page - Texas Instruments MAX202CPWR Datasheet HTML 3Page - Texas Instruments MAX202CPWR Datasheet HTML 4Page - Texas Instruments MAX202CPWR Datasheet HTML 5Page - Texas Instruments MAX202CPWR Datasheet HTML 6Page - Texas Instruments MAX202CPWR Datasheet HTML 7Page - Texas Instruments MAX202CPWR Datasheet HTML 8Page - Texas Instruments MAX202CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
DRIVER SECTION
Electrical Characteristics
(1)
Switching Characteristics
(1)
ESD Protection
MAX202
5-V DUAL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS576E – JULY 2003 – REVISED APRIL 2007
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VOH
High-level output voltage
DOUT at RL = 3 kΩ to GND, DIN = GND
5
9
V
VOL
Low-level output voltage
DOUT at RL = 3 kΩ to GND, DIN = VCC
–5
–9
V
IIH
High-level input current
VI = VCC
15
200
µA
IIL
Low-level input current
VI at 0 V
–15
–200
µA
IOS(3)
Short-circuit output current
VCC = 5.5 V
VO = 0 V
±10
±60
mA
rO
Output resistance
VCC, V+, and V– = 0 V
VO = ±2 V
300
Ω
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V, and TA = 25°C.
(3)
Short-circuit durations should be controlled to prevent exceeding the device absolute power-dissipation ratings, and not more than one
output should be shorted at a time.
over recommended ranges of suply voltage and operating free-air temperature (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
CL = 50 to 1000 pF,
RL = 3 kΩ to 7 kΩ,
Maximum data rate
120
kbit/s
One DOUT switching,
See Figure 1
CL = 2500 pF,
RL = 3 kΩ,
Propagation delay time, low- to
tPLH(D)
2
µs
high-level output
All drivers loaded,
See Figure 1
CL = 2500 pF,
RL = 3 kΩ,
Propagation delay time, high- to
tPHL(D)
2
µs
low-level output
All drivers loaded,
See Figure 1
CL = 150 to 2500 pF,
RL = 3 kΩ to 7 kΩ,
tsk(p)
Pulse skew(3)
300
ns
See Figure 2
CL = 50 to 1000 pF,
RL = 3 kΩ to 7 kΩ,
Slew rate, transition region
SR(tr)
3
6
30
V/
µs
(see Figure 1)
VCC = 5 V
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH - tPHL| of each channel of the same device.
PIN
TEST CONDITIONS
TYP
UNIT
DOUT, RIN
Human-body model
±15
kV
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com