Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX202CPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX202CPWR
Description  5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX202CPWR Datasheet(HTML) 1 Page - Texas Instruments

  MAX202CPWR Datasheet HTML 1Page - Texas Instruments MAX202CPWR Datasheet HTML 2Page - Texas Instruments MAX202CPWR Datasheet HTML 3Page - Texas Instruments MAX202CPWR Datasheet HTML 4Page - Texas Instruments MAX202CPWR Datasheet HTML 5Page - Texas Instruments MAX202CPWR Datasheet HTML 6Page - Texas Instruments MAX202CPWR Datasheet HTML 7Page - Texas Instruments MAX202CPWR Datasheet HTML 8Page - Texas Instruments MAX202CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
D,DW,N,ORPWPACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C1+
V+
C1-
C2+
C2-
V-
DOUT2
RIN2
V
CC
GND
DOUT1
RIN1
ROUT1
DIN1
DIN2
ROUT2
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
MAX202
5-V DUAL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS576E – JULY 2003 – REVISED APRIL 2007
• ESD Protection for RS-232 Bus Pins
–
±15-kV – Human-Body Model
• Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
• Operates at 5-V V
CC Supply
• Operates Up to 120 kbit/s
• External Capacitors . . . 4 × 0.1 µF
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Battery-Powered Systems
• PDAs
• Notebooks
• Laptops
• Palmtop PCs
• Hand-Held Equipment
The MAX202 device consists of two line drivers, two line receivers, and a dual charge-pump circuit with
±15-kV
ESD protection pin to pin (serial-port connection pins, including GND). The device meets the requirements of
TIA/EIA-232-F and provides the electrical interface between an asynchronous communication controller and the
serial-port connector. The charge pump and four small external capacitors allow operation from a single 5-V
supply. The device operates at data signaling rates up to 120 kbit/s and a maximum of 30-V/
µs driver output
slew rate.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – N
Tube of 25
MAX202CN
MAX202CN
Tube of 40
MAX202CD
SOIC – D
MAX202C
Reel of 2500
MAX202CDR
0
°C to 70°C
Tube of 40
MAX202CDW
SOIC – DW
MAX202C
Reel of 2000
MAX202CDWR
Tube of 90
MAX202CPW
TSSOP – PW
MA202C
Reel of 2000
MAX202CPWR
PDIP – N
Tube of 25
MAX202IN
MAX202IN
Tube of 40
MAX202ID
SOIC – D
MAX202I
Reel of 2500
MAX202IDR
–40
°C to 85°C
Tube of 40
MAX202IDW
SOIC – DW
MAX202I
Reel of 2000
MAX202IDWR
Tube of 90
MAX202IPW
TSSOP – PW
MB202I
Reel of 2000
MAX202IPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MAX202CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX202CPWR TI-MAX202CPWR Datasheet
321Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
MAX202CPWR TI-MAX202CPWR Datasheet
382Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202CPWRE4 TI-MAX202CPWRE4 Datasheet
382Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - MAX202CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX202 TI-MAX202 Datasheet
321Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX202 TI-MAX202_07 Datasheet
382Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX222 TI-MAX222 Datasheet
346Kb / 15P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
TRS202 TI-TRS202 Datasheet
638Kb / 17P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E Datasheet
464Kb / 17P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS222 TI-TRS222 Datasheet
382Kb / 15P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E_10 Datasheet
570Kb / 19P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com