Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX202CPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MAX202CPWR
Description  5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX202CPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button MAX202CPWR Datasheet HTML 4Page - Texas Instruments MAX202CPWR Datasheet HTML 5Page - Texas Instruments MAX202CPWR Datasheet HTML 6Page - Texas Instruments MAX202CPWR Datasheet HTML 7Page - Texas Instruments MAX202CPWR Datasheet HTML 8Page - Texas Instruments MAX202CPWR Datasheet HTML 9Page - Texas Instruments MAX202CPWR Datasheet HTML 10Page - Texas Instruments MAX202CPWR Datasheet HTML 11Page - Texas Instruments MAX202CPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
ESD Test Conditions
Human-Body Model (HBM)
-
+
DUT
R
D
1.5kW
V
HBM
100pF
C
S
100
150
200
50
0
1.5
1.0
0.5
0.0
V
=2kV
HBM
DUT=10-V,1-W ZenerDiode
|
Time-ns
Machine Model (MM)
MAX202
5-V DUAL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS576E – JULY 2003 – REVISED APRIL 2007
APPLICATION INFORMATION (continued)
Stringent ESD testing is performed by TI, based on various conditions and procedures. Please contact TI for a
reliability report that documents test setup, methodology, and results.
The HBM of ESD testing is shown in Figure 5. Figure 6 shows the current waveform that is generated during a
discharge into a low impedance. The model consists of a 100-pF capacitor, charged to the ESD voltage of
concern, and subsequently discharged into the device under test (DUT) through a 1.5-k
Ω resistor.
Figure 5. HBM ESD Test Circuit
Figure 6. Typical HBM Current Waveform
The MM ESD test applies to all pins using a 200-pF capacitor with no discharge resistance. The purpose of the
MM test is to simulate possible ESD conditions that can occur during the handling and assembly processes of
manufacturing. In this case, ESD protection is required for all pins, not just RS-232 pins. However, after PC
board assembly, the MM test no longer is as pertinent to the RS-232 pins.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com