Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX202CPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MAX202CPWR
Description  5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX202CPWR Datasheet(HTML) 5 Page - Texas Instruments

  MAX202CPWR Datasheet HTML 1Page - Texas Instruments MAX202CPWR Datasheet HTML 2Page - Texas Instruments MAX202CPWR Datasheet HTML 3Page - Texas Instruments MAX202CPWR Datasheet HTML 4Page - Texas Instruments MAX202CPWR Datasheet HTML 5Page - Texas Instruments MAX202CPWR Datasheet HTML 6Page - Texas Instruments MAX202CPWR Datasheet HTML 7Page - Texas Instruments MAX202CPWR Datasheet HTML 8Page - Texas Instruments MAX202CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
RECEIVER SECTION
Electrical Characteristics
(1)
Switching Characteristics
(1)
MAX202
5-V DUAL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS576E – JULY 2003 – REVISED APRIL 2007
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (seeFigure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA
3.5
VCC – 0.4
V
VOL
Low-level output voltage
IOL = 1.6 mA
0.4
V
VIT+
Positive-going input threshold voltage
VCC = 5 V,
TA = 25°C
1.7
2.4
V
VIT–
Negative-going input threshold voltage
VCC = 5 V,
TA = 25°C
0.8
1.2
V
Vhys
Input hysteresis (VIT+ – VIT–)
0.2
0.5
1
V
ri
Input resistance
VI = ±3 V to ±25 V
3
5
7
k
Ω
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V, and TA = 25°C.
over recommended ranges of suply voltage and operating free-air temperature (unless otherwise noted) (see Figure 3)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
tPLH(R)
Propagation delay time, low- to high-level output
CL = 150 pF
0.5
10
µs
tPHL(R)
Propagation delay time, high- to low-level output
CL = 150 pF
0.5
10
µs
tsk(p)
Pulse skew(3)
300
ns
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH - tPHL| of each channel of the same device.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com