Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP223EC Datasheet(PDF) 2 Page - Texas Instruments

Part # MP223EC
Description  MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MP223EC Datasheet(HTML) 2 Page - Texas Instruments

  MP223EC Datasheet HTML 1Page - Texas Instruments MP223EC Datasheet HTML 2Page - Texas Instruments MP223EC Datasheet HTML 3Page - Texas Instruments MP223EC Datasheet HTML 4Page - Texas Instruments MP223EC Datasheet HTML 5Page - Texas Instruments MP223EC Datasheet HTML 6Page - Texas Instruments MP223EC Datasheet HTML 7Page - Texas Instruments MP223EC Datasheet HTML 8Page - Texas Instruments MP223EC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
MAX3223E
SLLS707A – JANUARY 2006 – REVISED SEPTEMBER 2009.......................................................................................................................................... www.ti.com
Table 1. ORDERING INFORMATION
TA
PACKAGE (1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 25
MAX3223ECDW
SOIC – DW
MAX3223EC
Reel of 2000
MAX3223ECDWR
Tube of 70
MAX3223ECDB
–0°C to 70°C
SSOP – DB
MP223EC
Reel of 2000
MAX3223ECDBR
Tube of 70
MAX3223ECPW
TSSOP – PW
MP223EC
Reel of 2000
MAX3223ECPWR
Tube of 25
MAX3223EIDW
SOIC – DW
MAX3223EI
Reel of 2000
MAX3223EIDWR
Tube of 70
MAX3223EIDB
–40°C to 85°C
SSOP – DB
MP223EI
Reel of 2000
MAX3223EIDBR
Tube of 70
MAX3223EIPW
TSSOP – PW
MP223EI
Reel of 2000
MAX3223EIPWR
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): MAX3223E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com