Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP223EC Datasheet(PDF) 11 Page - Texas Instruments

Part # MP223EC
Description  MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MP223EC Datasheet(HTML) 11 Page - Texas Instruments

Back Button MP223EC Datasheet HTML 7Page - Texas Instruments MP223EC Datasheet HTML 8Page - Texas Instruments MP223EC Datasheet HTML 9Page - Texas Instruments MP223EC Datasheet HTML 10Page - Texas Instruments MP223EC Datasheet HTML 11Page - Texas Instruments MP223EC Datasheet HTML 12Page - Texas Instruments MP223EC Datasheet HTML 13Page - Texas Instruments MP223EC Datasheet HTML 14Page - Texas Instruments MP223EC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
Ω
3 V
2.7 V
2.7 V
INVALID
Output
Receiver
Input
tinvalid
Generator
(see Note B)
FORCEOFF
tvalid
ROUT
FORCEON
Auto-
powerdown
INVALID
DOUT
0 V
0 V
−3 V
DIN
CL = 30 pF
(see Note A)
VCC
0 V
2.7 V
2.7 V
0.3 V
0.3 V
0 V
Indeterminate
Indeterminate
If Signal Remains Within This Region
for More Than 30 ms, INVALID Is Low†
≈V+
0 V
≈V−
V+
VCC
ten
V−
50% VCC
50% VCC
2.7 V
−2.7 V
0.3 V
0.3 V
Supply
Voltages
† Auto-powerdown
disables
drivers
and
reduces supply current to 1
µA
Valid RS-232 Level, INVALID High
Valid RS-232 Level, INVALID High
EN
MAX3223E
www.ti.com.......................................................................................................................................... SLLS707A – JANUARY 2006 – REVISED SEPTEMBER 2009
PARAMETER MEASUREMENT INFORMATION (continued)
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): MAX3223E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com