Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP223EC Datasheet(PDF) 5 Page - Texas Instruments

Part # MP223EC
Description  MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MP223EC Datasheet(HTML) 5 Page - Texas Instruments

  MP223EC Datasheet HTML 1Page - Texas Instruments MP223EC Datasheet HTML 2Page - Texas Instruments MP223EC Datasheet HTML 3Page - Texas Instruments MP223EC Datasheet HTML 4Page - Texas Instruments MP223EC Datasheet HTML 5Page - Texas Instruments MP223EC Datasheet HTML 6Page - Texas Instruments MP223EC Datasheet HTML 7Page - Texas Instruments MP223EC Datasheet HTML 8Page - Texas Instruments MP223EC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MAX3223E
www.ti.com.......................................................................................................................................... SLLS707A – JANUARY 2006 – REVISED SEPTEMBER 2009
RECOMMENDED OPERATING CONDITIONS
(1)
See Figure 6
MIN
NOM
MAX
UNIT
VCC = 3.3 V
3
3.3
3.6
Supply voltage
V
VCC = 5 V
4.5
5
5.5
VCC = 3.3 V
2
Driver and control
VIH
DIN, EN, FORCEOFF, FORCEON
V
high-level input voltage
VCC = 5 V
2.4
Driver and control
VIL
DIN, EN, FORCEOFF, FORCEON
0.8
V
low-level input voltage
Driver and control input voltage
DIN, EN, FORCEOFF, FORCEON
0
5.5
V
VI
Receiver input voltage
–25
25
V
MAX3223EC
0
70
TA
Operating free-air temperature
°C
MAX3223EI
–40
85
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
ELECTRICAL CHARACTERISTICS
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN
TYP (2)
MAX
UNIT
Input leakage
EN, FORCEOFF,
II
±0.01
±1
μA
current
FORCEON
VCC = 3.3 V or 5 V, TA = 25°C,
Auto-powerdown disabled
0.3
1
mA
No load, FORCEOFF and FORCEON at VCC
Powered off
No load, FORCEOFF at GND
1
10
ICC
Supply current
No load, FORCEOFF at VCC, FORCEON at
μA
Auto-powerdown enabled
GND,
1
10
All RIN are open or grounded
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): MAX3223E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com