Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP223EC Datasheet(PDF) 1 Page - Texas Instruments

Part # MP223EC
Description  MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MP223EC Datasheet(HTML) 1 Page - Texas Instruments

  MP223EC Datasheet HTML 1Page - Texas Instruments MP223EC Datasheet HTML 2Page - Texas Instruments MP223EC Datasheet HTML 3Page - Texas Instruments MP223EC Datasheet HTML 4Page - Texas Instruments MP223EC Datasheet HTML 5Page - Texas Instruments MP223EC Datasheet HTML 6Page - Texas Instruments MP223EC Datasheet HTML 7Page - Texas Instruments MP223EC Datasheet HTML 8Page - Texas Instruments MP223EC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
EN
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
ROUT2
FORCEOFF
VCC
GND
DOUT1
RIN1
ROUT1
FORCEON
DIN1
DIN2
INVALID
MAX3223E
www.ti.com.......................................................................................................................................... SLLS707A – JANUARY 2006 – REVISED SEPTEMBER 2009
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH ±15-kV ESD PROTECTION
Check for Samples: MAX3223E
1
FEATURES
•
ESD Protection for RS-232 Bus Pins
–
±15-kV Human-Body Model (HBM)
–
±8-kV IEC61000-4-2, Contact Discharge
–
±15-kV IEC61000-4-2, Air-Gap Discharge
•
Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
•
Operates With 3-V to 5.5-V VCC Supply
•
Operates up to 500 kbit/s
•
Two Drivers and Two Receivers
•
Low Standby Current . . . 1
μA Typ
•
External Capacitors . . . 4 × 0.1
μF
•
Accepts 5-V Logic Input With 3.3-V Supply
•
Alternative High-Speed Pin-Compatible Device
(1 Mbit/s) for SNx5C3223E
APPLICATIONS
•
Battery-Powered Systems
•
PDAs
•
Notebooks
•
Laptops
•
Palmtop PCs
•
Hand-Held Equipment
DESCRIPTION/ORDERING INFORMATION
The MAX3223E consists of two line drivers, two line receivers, and a dual charge-pump circuit with ±15-kV ESD
protection pin to pin (serial-port connection pins, including GND). The device meets the requirements of
TIA/EIA-232-F and provides the electrical interface between an asynchronous communication controller and the
serial-port connector. The charge pump and four small external capacitors allow operation from a single 3-V to
5.5-V supply. The device operates at typical data signaling rates up to 500 kbit/s and a maximum of 30-V/
μs
driver output slew rate.
Flexible control options for power management are available when the serial port is inactive. The
auto-powerdown feature functions when FORCEON is low and FORCEOFF is high. During this mode of
operation, if the device does not sense a valid RS-232 signal, the driver outputs are disabled. If FORCEOFF is
set low and EN is high, both drivers and receivers are shut off, and the supply current is reduced to 1 mA.
Disconnecting the serial port or turning off the peripheral drivers causes auto-powerdown to occur.
Auto-powerdown can be disabled when FORCEON and FORCEOFF are high. With auto-powerdown enabled,
the device is activated automatically when a valid signal is applied to any receiver input. The INVALID output is
used to notify the user if an RS-232 signal is present at any receiver input. INVALID is high (valid data) if any
receiver input voltage is greater than 2.7 V or less than –2.7 V, or has been between –0.3 V and 0.3 V for less
than 30
μs. INVALID is low (invalid data) if the receiver input voltage is between –0.3 V and 0.3 V for more than
30
μs. Refer to Figure 4 for receiver input levels.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MP223EC

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2233 MPS-MP2233 Datasheet
588Kb / 18P
High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP2233DJ MPS-MP2233DJ Datasheet
588Kb / 18P
High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP2233DJ MPS-MP2233DJ Datasheet
256Kb / 5P
High-Efficiency, 3A, 16V, 1.4MHz, Sync. Step-Down Switcher Evaluation Board
MP2234 MPS-MP2234 Datasheet
1Mb / 21P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234GJ MPS-MP2234GJ Datasheet
1Mb / 21P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
More results

Similar Description - MP223EC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX211 TI-MAX211 Datasheet
294Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX207 TI1-MAX207_16 Datasheet
776Kb / 16P
5V MULTICHANNEL LINE DRIVER/RECEIVER WITHE ESD PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223 TI1-MAX3223_16 Datasheet
944Kb / 22P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227 TI1-MAX3227_09 Datasheet
354Kb / 16P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227E TI1-MAX3227E_09 Datasheet
351Kb / 15P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238 TI1-MAX3238_15 Datasheet
845Kb / 19P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1_15 Datasheet
834Kb / 18P
LINE DRIVER/RECEIVER WITH ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com