Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2556 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556
Description  12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2556 Datasheet HTML 1Page - Texas Instruments TLV2556 Datasheet HTML 2Page - Texas Instruments TLV2556 Datasheet HTML 3Page - Texas Instruments TLV2556 Datasheet HTML 4Page - Texas Instruments TLV2556 Datasheet HTML 5Page - Texas Instruments TLV2556 Datasheet HTML 6Page - Texas Instruments TLV2556 Datasheet HTML 7Page - Texas Instruments TLV2556 Datasheet HTML 8Page - Texas Instruments TLV2556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
TLV2556
SLAS355A – DECEMBER 2001 – REVISED SEPTEMBER 2002
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC
WITH INTERNAL REFERENCE
1
www.ti.com
FEATURES
D 12-Bit-Resolution A/D Converter
D Up to 200-KSPS (150-KSPS for 3 V)
Throughput Bit With 12-Output Mode Over
Operating Temperature Range
D 11 Analog Input Channels
D 3 Built-In Self-Test Modes
D Programmable Reference (2.048/4.096 V
Internal, External)
D Inherent Sample and Hold Function
D Linearity Error ... ±1 LSB Max
D On-Chip Conversion Clock
D Programmable Conversion Status Output: INT
or EOC
D Unipolar or Bipolar Output Operation
D Programmable MSB or LSB First
D Programmable Power Down
D Programmable Output Data Length
D SPI Compatible Serial Interface With I/O Clock
Frequencies up to 15 MHz (CPOL=0, CPHA=0)
APPLICATIONS
D Industrial Process Control
D Portable Data Logging
D Battery Powered Instruments
D Automotive
DESCRIPTION
The
TLV2556
is
a
12-bit,
switched-capacitor,
successive-approximation, analog-to-digital converter.
The ADC has three control inputs [chip select (CS), the
input-output clock, and the address/control input
(DATAIN)], designed for communication with the serial
port of a host processor or peripheral through a serial
3-state output.
In addition to the high-speed converter and versatile
control capability, the device has an on-chip 14-channel
multiplexer that can select any one of 11 inputs or any
one
of
three
internal
self-test
voltages
using
configuration register 1. The sample-and-hold function
is automatic. At the end of conversion, when
programmed as EOC, the pin 19 output goes high to
indicate that conversion is complete. If pin 19 is
programmed as INT, the signal goes low when the
conversion is complete. The converter incorporated in
the
device
features
differential,
high-impedance
reference inputs that facilitate ratiometric conversion,
scaling, and isolation of analog circuitry from logic and
supply noise. A switched-capacitor design allows low-
error conversion over the full operating temperature
range. An internal reference is available and its voltage
level is programmable via configuration register 2
(CFGR2).
The TLV2556I is characterized for operation from
TA = –40°C to 85°C. See available options table for
package options.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
GND
VCC
INT/EOC
I/O CLOCK
DATA IN
DATA OUT
CS
REF +
REF –
AIN10
AIN9
(TOP VIEW)
PW AND DW PACKAGE


Similar Part No. - TLV2556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2556 TI-TLV2556 Datasheet
1Mb / 37P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556 Datasheet
1Mb / 38P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI2-TLV2556 Datasheet
745Kb / 40P
12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
REVISED JULY 2009
TLV2556 TI2-TLV2556 Datasheet
899Kb / 40P
TLV2556 12-Bit 200-kSPS 11-Channel Low-Power Serial ADC With Internal Reference
REVISED DECEMBER 2015
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results

Similar Description - TLV2556

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
logo
Texas Instruments
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
logo
Maxim Integrated Produc...
MAX1422 MAXIM-MAX1422 Datasheet
727Kb / 15P
12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference
Rev 1; 5/04
logo
Texas Instruments
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2553 TI1-TLV2553_14 Datasheet
986Kb / 30P
12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1_15 Datasheet
1Mb / 37P
12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com