Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTLX1672M3BNL Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLX1672M3BNL
Description  10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1672M3BNL Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLX1672M3BNL Datasheet HTML 1Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 2Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 3Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 4Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 5Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 6Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 7Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 8Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FTLX1672M3BNL Product Specification
 Finisar Corporation - September 2015
Rev. C1
Page 4
IV.
Optical Characteristics (TOP = -5 to 85 C, VCC = 3.14 to 3.46 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter (Tx)
Output Power
PAVE
-1
+2
dBm
Optical Wavelength

1530
1565
nm
Side-Mode Suppression Ratio
SMSR
30
dB
Optical Extinction Ratio
ER
8.2
dB
Average Launch power when Tx is OFF
POFF
-30
dBm
Jitter Generation 20kHz-80MHz, peak-peak
Txjpk2pk1
0.3
UI
1
Jitter Generation 4MHz-80MHz, peak-peak
Txjpk2pj2
0.1
UI
1
Relative Intensity Noise
RIN
-128
dB/Hz
Receiver (Rx)
Optical Center Wavelength
C
1260
1600
nm
Receiver Reflectance
Rrx
-27
dB
Sensitivity
8.5, 9.95-10.7 Gb/s
RSENS1
-16
dBm
2,3
11.1-11.3 Gb/s
RSENS2
-15
dBm
2,3
Overload
ROVL
-1
dBm
2,3
Path Penalty (800ps/nm)
PP
2
dB
LOS De-Assert
LOSD
-21
dBm
LOS Assert
LOSA
-29
dBm
LOS Hysteresis
LOSH
0.5
dB
Notes:
1.
SONET/SDH jitter performance is guaranteed with the internal CDRs enabled and locked
2.
PRBS 2
31 – 1at BER<10-12
3.
Measured with worst ER=8.2 dB
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Bit Rate
BR
8.5
11.3168
Gb/s
1
Max. Supported Link Length
LMAX
40
km
2
Notes:
1.
Tested with a 2
31 – 1 PRBS pattern at the BER defined in Table IV.
2.
Over G.652 single mode fiber.
Timing Parameters
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Time to initialize
t_start_up
10
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com