Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTLX1672M3BNL Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FTLX1672M3BNL
Description  10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1672M3BNL Datasheet(HTML) 2 Page - Finisar Corporation.

  FTLX1672M3BNL Datasheet HTML 1Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 2Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 3Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 4Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 5Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 6Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 7Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 8Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FTLX1672M3BNL Product Specification
 Finisar Corporation - September 2015
Rev. C1
Page 2
I.
Pin Descriptions
Pin
Symbol
Name/Description
Ref.
1
VEET
Transmitter Ground
1
2
TFAULT
Transmitter Fault
2
3
TDIS
Transmitter Disable. Laser output disabled on high or open.
3
4
SDA
2-wire Serial Interface Data Line
2
5
SCL
2-wire Serial Interface Clock Line
2
6
MOD_ABS
Module Absent. Grounded within the module
2
7
RS0
Rate Select 0.
4
8
RX_LOS
Loss of Signal indication. Logic 0 indicates normal operation.
5
9
RS1
Rate Select 1.
4
10
VEER
Receiver Ground
1
11
VEER
Receiver Ground
1
12
RD-
Receiver Inverted DATA out. AC Coupled.
13
RD+
Receiver Non-inverted DATA out. AC Coupled.
14
VEER
Receiver Ground
1
15
VCCR
Receiver Power Supply
6
16
VCCT
Transmitter Power Supply
6
17
VEET
Transmitter Ground
1
18
TD+
Transmitter Non-Inverted DATA in. AC Coupled.
19
TD-
Transmitter Inverted DATA in. AC Coupled.
20
VEET
Transmitter Ground
1
Notes:
1.
Circuit ground is internally isolated from chassis ground.
2.
T
FAULT
is an open collector/drain output, which should be pulled up with a 4.7k – 10k Ohms resistor on
the host board if intended for use. Pull up voltage should be between 2.0V to Vcc + 0.3V. A high
output indicates a transmitter fault caused by either the TX bias current or the TX output power
exceeding the preset alarm thresholds. A low output indicates normal operation. In the low state, the
output is pulled to <0.8V.
3.
Laser output disabled on TDIS >2.0V or open, enabled on TDIS <0.8V.
4.
Internally pulled down per SFF-8431 Rev 4.1. See Sec. X of this datasheet for the logic table to use for
the internal CDRs locking modes.
5.
LOS is open collector output. Should be pulled up with 4.7k – 10k
 on host board to a voltage
between 2.0V and 3.6V. Logic 0 indicates normal operation; logic 1 indicates loss of signal.
6.
Internally connected
Figure 1. Diagram of Host Board Connector Block Pin Numbers and Names.
VeeT
VeeT
VeeR
VeeR
TD-
TD+
RD+
RD-
VccT
VccR
VeeT
VeeR
TX_Fault
SDA
SCL
MOD_ABS
RS0
RX_LOS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Towards
ASIC
Towards
Bezel
TX_Disable
RS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com