Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTLX1672M3BNL Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLX1672M3BNL
Description  10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1672M3BNL Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLX1672M3BNL Datasheet HTML 1Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 2Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 3Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 4Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 5Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 6Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 7Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 8Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 Finisar Corporation – September 2015
Rev. C1
Page 1
Product Specification
10Gb/s, 40km Single Mode, Multi-Rate SFP+ Transceiver
FTLX1672M3BNL
PRODUCT FEATURES
 Hot-pluggable SFP+ footprint
 Supports 8.5 and 9.95 to 11.3 Gb/s
 40km link length (800ps/nm)
 -5/85°C case temperature range
 Internal transmitter/receiver CDR
 low power consumption
 Cooled 1550nm EML laser
 Limiting electrical interface receiver
 Duplex LC connector
 Built-in digital diagnostic functions
 RoHS-6 compliant (lead-free)
APPLICATIONS
 SONET OC-192 IR-2/-3
 SDH STM-64.2b/3b
 OTN G959.1 P1S1-2D2b
 OTN G.709 OTU1e/2/2e FEC bit rates
 10GBASE-ER/EW
 8.5/10G Fibre Channel
Finisar’s FTLX1672M3BNL transceivers are Enhanced Small Form Factor Pluggable
SFP+ transceivers designed for use in 10-Gigabit multi-rate links up to 40km of G.652
single mode fiber. They are compliant with SFF-8431
1, SFF-84322, SONET OC-192 IR-
2R/3R, SDH STM-64.2b/3b, OTN P1S1-2D2b, 10GBASE-ER/EW and support 8.5G and
10G Fibre Channel. The transceivers use internal clock and data recovery (CDR) IC’s for
the transmitter and the receiver. This guarantees compliance with the SONET/SDH jitter
requirements and it can be used to set the electrical interface to be XFI-compliant.
Digital diagnostics functions are available via a 2-wire serial interface, as specified in
SFF-8472
3. The optical transceiver is compliant per the RoHS Directive
2011/65/EU
4. See Finisar Application Note AN-2038 for more details5.
PRODUCT SELECTION
FTLX1672M3BNL


Similar Part No. - FTLX1672M3BNL

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
FTLX1672M3BNL COHERENT-FTLX1672M3BNL Datasheet
628Kb / 13P
10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
More results

Similar Description - FTLX1672M3BNL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1871M3BCL FINISAR-FTLX1871M3BCL Datasheet
341Kb / 12P
10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1472M3BTL FINISAR-FTLX1472M3BTL Datasheet
787Kb / 11P
10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
FTLX1672D3BCL FINISAR-FTLX1672D3BCL Datasheet
433Kb / 12P
10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BNL FINISAR-FTLX1672D3BNL Datasheet
418Kb / 12P
10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BTL FINISAR-FTLX1672D3BTL Datasheet
427Kb / 12P
10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672M3BCL FINISAR-FTLX1672M3BCL Datasheet
732Kb / 12P
10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672M3BTL FINISAR-FTLX1672M3BTL Datasheet
732Kb / 12P
10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1772M3BCL FINISAR-FTLX1772M3BCL Datasheet
763Kb / 11P
10Gb/s, 1310nm 40km, Single Mode, Multi-Rate SFP Transceiver
FTLX1871D3BNL FINISAR-FTLX1871D3BNL Datasheet
702Kb / 12P
10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1871M3BNL FINISAR-FTLX1871M3BNL Datasheet
706Kb / 12P
10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com