Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTLX1672M3BNL Datasheet(PDF) 7 Page - Finisar Corporation.

Part # FTLX1672M3BNL
Description  10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1672M3BNL Datasheet(HTML) 7 Page - Finisar Corporation.

Back Button FTLX1672M3BNL Datasheet HTML 3Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 4Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 5Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 6Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 7Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 8Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 9Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 10Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 11Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FTLX1672M3BNL Product Specification
 Finisar Corporation - September 2015
Rev. C1
Page 7
IX. Digital Diagnostic Specifications
FTLX1672M3BNL transceivers can be used in host systems that require either
internally or externally calibrated digital diagnostics.
Parameter
Symbol
Units
Min
Max
Accuracy
Ref.
Accuracy
Transceiver temperature
DD
Temp-E
ºC
-10
+90
±5ºC
1
Transceiver supply voltage
DD
Voltage
V
2.8
4.0
±3%
Transmitter bias current
DD
Bias
mA
0
127
±10%
2
Transmitter output power
DD
Tx-Power
dBm
-2
+3
±2dB
Receiver average optical input power
DD
Rx-Power
dBm
-20
+1
±2dB
Notes:
1.
Internally measured
2.
The accuracy of the Tx bias current is 10% of the actual current from the laser driver to the laser
X.
Internal CDR’s Locking Modes
The FTLX1672M3BNL is equipped with internal CDR units on both the receiver and
the transmitter sides. The host can set the CDR’s to lock at 8.5Gb/s, 10G (9.95-11.3Gb/s),
or in by-pass mode, by setting the rate select pins or the soft bits (logic OR). The
different locking modes are shown in the following logic table:
R/S 0
R/S 1
CDRs
Locking Mode
Logic OR of:
pin 7 & bit 110.3
Logic OR of:
pin 9 & bit 118.3
Low or 0
Low or 0
Both CDRs lock at 8.5Gb/s
Low or 0
High or 1
Tx CDR is in bypass mode.
Rx CDR locks at 10G (9.95-11.3Gb/s)
High or 1
Low or 0
Tx & Rx CDRs in bypass mode
High or 1
High or 1
Both CDRs lock at 10G (9.95-11.3Gb/s)
The bits 110.3 and 118.3 are set to 1 by default at power-up
The RS0 and RS1 pins are internally pulled-down to ground as per [1]. The soft bits
110.3 and 118.3 are both set to “1” at the transceiver power-up, to select the 10G locking
mode by default. The host can change this configuration via the 2-wire communication as
described in the SFP MSA [1]. Alternative configurations can be factory set upon
request. Please refer to Finisar for additional details.
XI. SFF-8431 Power-up Sequence
If either CDR is enabled, the typical power consumption of the FTLX1672M3BNL
may exceed the limit of 1.5W specified for the Power Level II transceivers in [1], for
which a power-up sequence is recommended. However, the FTLX1672M3BNL is factory
set to power-up directly to its operating conditions. Upon request, it can be factory set to
follow the power-up sequence specified for transceivers exceeding 1W, as per [1]. In
power level I, the FTLX1672M3BNL does not carry traffic, but the 2-wire serial
communication is active.
Please refer to [1] and Finisar Application Note AN-2076 for additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com