Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320UC5409 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320UC5409
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320UC5409 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320UC5409 Datasheet HTML 17Page - Texas Instruments TMS320UC5409 Datasheet HTML 18Page - Texas Instruments TMS320UC5409 Datasheet HTML 19Page - Texas Instruments TMS320UC5409 Datasheet HTML 20Page - Texas Instruments TMS320UC5409 Datasheet HTML 21Page - Texas Instruments TMS320UC5409 Datasheet HTML 22Page - Texas Instruments TMS320UC5409 Datasheet HTML 23Page - Texas Instruments TMS320UC5409 Datasheet HTML 24Page - Texas Instruments TMS320UC5409 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
TMS320UC5409
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS101E − APRIL 1999 − REVISED OCTOBER 2008
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
HPI16 control register (HPIC)
In nonmultiplexed mode, the HPIC register is not accessible via the host. This precludes DSP-to-host or
host-to-DSP interrupts, data prefetch via the FETCH bit, and HRDY polling. Extended addressing capability still
exists (even without the XHPIA bit) because the HA bus is 16 bits wide.
HPI16 address register (HPIA)
In nonmultiplexed mode, the HPIA register is not needed because direct address inputs A[15:0] are used as
HA[15:0]. The DMA address comes directly from the HA pins. Note that the HA bus is still always latched at the
end of the host access (on the rising edge of HDS = HDS1 XNOR HDS2) in order to ensure a valid address
during the DMA write access.
host data prefetch
Since the HPIA register is not used in nonmultiplexed mode, the prefetch mechanism is not supported. Random
address accesses in nonmultiplexed mode are still faster than those in multiplexed mode because of the
separate address and data buses.
host ready logic (HRDY)
Hardware HRDY logic operation in nonmultiplexed mode is the same as that in multiplexed mode. HRDY
operation during prefetches and HRDY/FETCH bit interaction are not supported with nonmultiplexed mode.
host/DSP interrupts
Host-to-DSP and DSP-to-host interrupts are not supported by HPI16 in nonmultiplexed mode.
other HPI system considerations
operation during IDLE2
The HPI can continue to operate during IDLE1 or IDLE2 by using special clock management logic that turns
on relevant clocks to perform a synchronous memory access, and then turns the clocks back off to save power.
The DSP CPU does not wake up from the IDLE mode during this process.
multichannel buffered serial ports
The UC5409 device has three high-speed, full-duplex multichannel buffered serial ports (McBSPs) that allow
direct interface to other C54x/LC54x devices, codecs, and other devices in a system. The McBSPs are based
on the standard serial port interface found on other 54x devices. Like its predecessors, the McBSP provides:
D Full-duplex communication
D Double-buffer data registers, which allow a continuous data stream
D Independent framing and clocking for receive and transmit
In addition, the McBSP has the following capabilities:
D Direct interface to:
−
T1/E1 framers
−
MVIP switching-compatible and ST-BUS compliant devices
−
IOM-2 compliant devices
−
AC97-compliant devices
−
Serial peripheral interface (SPI
t) devices
D Multichannel transmit and receive of up to 128 channels
D A wide selection of data sizes including 8, 12, 16, 20, 24, or 32 bits
D µ-law and A-law companding
D Programmable polarity for both frame synchronization and data clocks
D Programmable internal clock and frame generation
SPI is a trademark of Motorola Inc.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com