Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320UC5409 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS320UC5409
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320UC5409 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320UC5409 Datasheet HTML 29Page - Texas Instruments TMS320UC5409 Datasheet HTML 30Page - Texas Instruments TMS320UC5409 Datasheet HTML 31Page - Texas Instruments TMS320UC5409 Datasheet HTML 32Page - Texas Instruments TMS320UC5409 Datasheet HTML 33Page - Texas Instruments TMS320UC5409 Datasheet HTML 34Page - Texas Instruments TMS320UC5409 Datasheet HTML 35Page - Texas Instruments TMS320UC5409 Datasheet HTML 36Page - Texas Instruments TMS320UC5409 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 81 page
background image
TMS320UC5409
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS101E − APRIL 1999 − REVISED OCTOBER 2008
33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
memory-mapped registers
The UC5409 has 27 memory-mapped CPU registers, which are mapped in data memory space addresses 0h
to 1Fh. The device also has a set of memory-mapped registers associated with peripherals. Table 12 gives a
list of CPU memory-mapped registers (MMRs) available on UC5409. Table 13 shows additional peripheral
MMRs associated with the UC5409.
Table 12. CPU Memory-Mapped Registers
NAME
ADDRESS
DESCRIPTION
NAME
DEC
HEX
DESCRIPTION
IMR
0
0
Interrupt mask register
IFR
1
1
Interrupt flag register
–
2−5
2−5
Reserved for testing
ST0
6
6
Status register 0
ST1
7
7
Status register 1
AL
8
8
Accumulator A low word (15−0)
AH
9
9
Accumulator A high word (31−16)
AG
10
A
Accumulator A guard bits (39−32)
BL
11
B
Accumulator B low word (15−0)
BH
12
C
Accumulator B high word (31−16)
BG
13
D
Accumulator B guard bits (39−32)
TREG
14
E
Temporary register
TRN
15
F
Transition register
AR0
16
10
Auxiliary register 0
AR1
17
11
Auxiliary register 1
AR2
18
12
Auxiliary register 2
AR3
19
13
Auxiliary register 3
AR4
20
14
Auxiliary register 4
AR5
21
15
Auxiliary register 5
AR6
22
16
Auxiliary register 6
AR7
23
17
Auxiliary register 7
SP
24
18
Stack pointer register
BK
25
19
Circular buffer size register
BRC
26
1A
Block repeat counter
RSA
27
1B
Block repeat start address
REA
28
1C
Block repeat end address
PMST
29
1D
Processor mode status (PMST) register
XPC
30
1E
Extended program page register
–
31
1F
Reserved
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com