Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320UC5409 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS320UC5409
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320UC5409 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320UC5409 Datasheet HTML 23Page - Texas Instruments TMS320UC5409 Datasheet HTML 24Page - Texas Instruments TMS320UC5409 Datasheet HTML 25Page - Texas Instruments TMS320UC5409 Datasheet HTML 26Page - Texas Instruments TMS320UC5409 Datasheet HTML 27Page - Texas Instruments TMS320UC5409 Datasheet HTML 28Page - Texas Instruments TMS320UC5409 Datasheet HTML 29Page - Texas Instruments TMS320UC5409 Datasheet HTML 30Page - Texas Instruments TMS320UC5409 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
TMS320UC5409
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS101E − APRIL 1999 − REVISED OCTOBER 2008
27
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
clock generator (continued)
This clock generator allows system designers to select the clock source. The sources that drive the clock
generator are:
D A crystal resonator circuit. The crystal resonator circuit is connected across the X1 and X2/CLKIN pins of
the UC5409 to enable the internal oscillator.
D An external clock. The external clock source is directly connected to the X2/CLKIN pin, and X1 is left
unconnected.
The software-programmable PLL features a high level of flexibility, and includes a clock scaler that provides
various clock multiplier ratios, capability to directly enable and disable the PLL, and a PLL lock timer that can
be used to delay switching to PLL clocking mode of the device until lock is achieved. Devices that have a built-in
software-programmable PLL can be configured in one of two clock modes:
D PLL mode. The input clock (X2/CLKIN) is multiplied by 1 of 31 possible ratios. These ratios are achieved
using the PLL circuitry.
D DIV (divider) mode. The input clock is divided by 2 or 4. Note that when DIV mode is used, the PLL can be
completely disabled in order to minimize power dissipation.
The software-programmable PLL is controlled using the 16-bit memory-mapped (address 0058h) clock mode
register (CLKMD). The CLKMD register is used to define the clock configuration of the PLL clock module. Upon
reset, the CLKMD register is initialized with a predetermined value dependent only upon the state of the
CLKMD1 − CLKMD3 pins as shown in Table 8.
Table 8. Clock Mode Settings at Reset
CLKMD1
CLKMD2
CLKMD3
CLKMD
RESET VALUE
CLOCK MODE
CLKMD1
CLKMD2
CLKMD3
RESET VALUE
CLOCK MODE
0
0
0
E007h
PLL x 15
0
0
1
9007h
PLL x 10
0
1
0
4007h
PLL x 5
1
0
0
1007h
PLL x 2
1
1
0
F007h
PLL x 1
1
1
1
0000h
1/2 (PLL disabled)
1
0
1
F000h
1/4 (PLL disabled)
0
1
1
—
Reserved (Bypass mode)
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com