Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320UC5409 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320UC5409
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320UC5409 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320UC5409 Datasheet HTML 9Page - Texas Instruments TMS320UC5409 Datasheet HTML 10Page - Texas Instruments TMS320UC5409 Datasheet HTML 11Page - Texas Instruments TMS320UC5409 Datasheet HTML 12Page - Texas Instruments TMS320UC5409 Datasheet HTML 13Page - Texas Instruments TMS320UC5409 Datasheet HTML 14Page - Texas Instruments TMS320UC5409 Datasheet HTML 15Page - Texas Instruments TMS320UC5409 Datasheet HTML 16Page - Texas Instruments TMS320UC5409 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
TMS320UC5409
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS101E − APRIL 1999 − REVISED OCTOBER 2008
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
on-chip ROM with bootloader (continued)
The standard on-chip ROM layout is shown in Table 1.
Table 1. Standard On-Chip ROM Layout†
ADDRESS RANGE
DESCRIPTION
0x0000h − 0xBFFFh
External program space
0xC000h − 0xF7FFh
Reserved
0xF800h − 0xFBFFh
Bootloader
0xFC00h − 0xFEFFh
Reserved
0xFF00h − 0xFF7Fh
Reserved†
0xFF80h − 0xFFFFh
Interrupt vector table
† In the VC5409 ROM, 128 words are reserved for factory device-testing purposes. Application
code to be implemented in on-chip ROM must reserve these 128 words at addresses
FF00h–FF7Fh in program space.
on-chip RAM
The UC5409 device contains 32K
× 16-bit of on-chip dual-access RAM (DARAM). The DARAM is composed
of four blocks of 8K words each. Each block in the DARAM can support two reads in one cycle, or a read and
a write in one cycle. The DARAM is located in the address range 0080h−7FFFh in data space, and can be
mapped into program/data space by setting the OVLY bit to one.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com