Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16301HT-E/CH Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP16301HT-E/CH
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301HT-E/CH Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP16301HT-E/CH Datasheet HTML 19Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 20Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 21Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 22Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 23Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 24Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 25Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 26Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
 2011-2015 Microchip Technology Inc.
DS20005004D-page 23
MCP16301/H
6.0
TYPICAL APPLICATION CIRCUITS
FIGURE 6-1:
Typical Application 30V VIN to 3.3V VOUT.
Component
Value
Manufacturer
Part Number
Comment
CIN
2 x 4.7 µF
Taiyo Yuden®
Co., Ltd.
UMK325B7475KM-T Cap. 4.7 µF 50V Ceramic X7R 1210 10%
COUT
2 x 10 µF
Taiyo Yuden
Co., Ltd.
JMK212B7106KG-T Cap. 10 µF 6.3V Ceramic X7R 0805 10%
L
15 µH
Coilcraft®
MSS6132-153ML
MSS6132 15 µH Shielded Power Inductor
RTOP
31.6 k
Panasonic®-ECG
ERJ-3EKF3162V
Res. 31.6 k
 1/10W 1% 0603 SMD
RBOT
10 k
Panasonic-ECG
ERJ-3EKF1002V
Res. 10.0 k
 1/10W 1% 0603 SMD
FW Diode
B140
Diodes
Incorporated®
B140-13-F
Diode Schottky 40V 1A SMA
Boost Diode
1N4148
Diodes
Incorporated
1N4448WS-7-F
Diode Switch 75V 200 mW SOD-323
CB
100 nF
AVX® Corporation
0603YC104KAT2A
Cap. 0.1 µF 16V Ceramic X7R 0603 10%
CB
VOUT
VIN
CIN
COUT
SW
BOOST
GND
EN
FB
L
VIN
Boost Diode
FW Diode
3.3V
6V to 30V
RTOP
RBOT
MCP16301/H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com