Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16301HT-E/CH Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP16301HT-E/CH
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301HT-E/CH Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP16301HT-E/CH Datasheet HTML 8Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 9Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 10Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 11Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 12Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 13Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 14Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 15Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
MCP16301/H
DS20005004D-page 12
 2011-2015 Microchip Technology Inc.
FIGURE 4-1:
MCP16301/H Block Diagram.
4.2
Functional Description
4.2.1
STEP-DOWN OR BUCK
CONVERTER
The MCP16301/H devices are non-synchronous
step-down or buck converters, capable of stepping
input voltages ranging from 4V to 30V (MCP16301) or
36V (MCP16301H) down to 2.0V to 15V for VIN >VOUT.
The integrated high-side switch is used to chop or
modulate the input voltage using a controlled duty cycle
for output voltage regulation. High efficiency is
achieved by using a low-resistance switch, low forward
drop diode, low equivalent series resistance (ESR), an
inductor and a capacitor. When the switch is turned on,
a DC voltage is applied to the inductor (VIN –VOUT),
resulting in a positive linear ramp of inductor current.
When the switch turns off, the applied inductor voltage
is equal to -VOUT, resulting in a negative linear ramp of
inductor current (ignoring the forward drop of the
Schottky diode).
For
steady-state,
continuous
inductor
current
operation, the positive inductor current ramp must
equal the negative current ramp in magnitude. While
operating in steady state, the switch duty cycle must be
equal to the relationship of VOUT/VIN for constant
output voltage regulation, under the condition that the
inductor current is continuous or never reaches zero.
For discontinuous inductor current operation, the
steady-state duty cycle will be less than VOUT/VIN to
maintain voltage regulation. The average of the
chopped input voltage or SW node voltage is equal to
the output voltage, while the average of the inductor
current is equal to the output current.
FIGURE 4-2:
Step-Down Converter.
Schottky
Diode
COUT
CBOOST
Slope
Comp
PWM
Latch
+
-
Overtemp
Precharge
R
Comp
Amp
+
-
CCOMP
RCOMP
HS
Drive
CS
VREG
BG
REF
SS
VREF
OTEMP
Boost
Pre-
charge
500 kHz OSC
S
VOUT
VOUT
RSENSE
GND
Boost Diode
VIN
EN
RTOP
RBOT
BOOST
SW
GND
FB
VREF
SHDN all blocks
+
-
CIN
+
+
Schottky
Diode
COUT
VOUT
SW
VIN
+
-
SW
on
off
on
on
off
IL
IL
L
IOUT
VOUT
VIN
0
SW
on
off
on
on
off
IL
IOUT
VIN
0
Continuous Inductor Current Mode
Discontinuous Inductor Current Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com