Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16301HT-E/CH Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP16301HT-E/CH
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301HT-E/CH Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP16301HT-E/CH Datasheet HTML 7Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 8Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 9Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 10Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 11Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 12Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 13Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 14Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
 2011-2015 Microchip Technology Inc.
DS20005004D-page 11
MCP16301/H
4.0
DETAILED DESCRIPTION
4.1
Device Overview
The MCP16301/H devices are high-input voltage
step-down regulators, capable of supplying 600 mA to
a regulated output voltage from 2.0V to 15V. Internally,
the trimmed 500 kHz oscillator provides a fixed
frequency, while the peak current mode control
architecture varies the duty cycle for output voltage
regulation. An internal floating driver is used to turn the
high-side integrated N-Channel MOSFET on and off.
The power for this driver is derived from an external
boost capacitor whose energy is supplied from a fixed
voltage ranging from 3.0V to 5.5V, typically the input or
output voltage of the converter. For applications with an
output voltage outside of this range, such as 12V, the
boost capacitor bias can be derived from the output
using a simple Zener diode regulator.
4.1.1
INTERNAL REFERENCE VOLTAGE
(VREF)
An integrated precise 0.8V reference combined with an
external resistor divider sets the desired converter
output voltage. The resistor divider range can vary
without affecting the control system gain. High-value
resistors consume less current, but are more
susceptible to noise.
4.1.2
INTERNAL COMPENSATION
All control system components necessary for stable
operation over the entire device operating range are
integrated, including the error amplifier and inductor
current slope compensation. To add the proper amount
of slope compensation, the inductor value changes
along with the output voltage (see Table 5-1).
4.1.3
EXTERNAL COMPONENTS
External components consist of:
• input capacitor
• output filter (inductor and capacitor)
• freewheeling diode
• boost capacitor
• boost blocking diode
• resistor divider.
The selection of the external inductor, output capacitor,
input capacitor and freewheeling diode is dependent
upon the output voltage and the maximum output
current.
4.1.4
ENABLE INPUT
Enable input, (EN), is used to enable and disable the
device. If disabled, the MCP16301/H devices consume
a minimal current from the input. Once enabled, the
internal soft start controls the output voltage rate of rise,
preventing high-inrush current and output voltage
overshoot.
4.1.5
SOFT START
The internal reference voltage rate of rise is controlled
during start-up, minimizing the output voltage over-
shoot and the inrush current.
4.1.6
UNDERVOLTAGE LOCKOUT
An integrated Undervoltage Lockout (UVLO) prevents
the converter from starting until the input voltage is high
enough for normal operation. The converter will typically
start at 3.5V and operate down to 3.0V. Hysteresis is
added to prevent starting and stopping during start-up,
as a result of loading the input voltage source.
4.1.7
OVERTEMPERATURE
PROTECTION
Overtemperature protection limits the silicon die
temperature to +150°C by turning the converter off. The
normal switching resumes at +120°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com