Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16301HT-E/CH Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP16301HT-E/CH
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301HT-E/CH Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP16301HT-E/CH Datasheet HTML 15Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 16Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 17Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 18Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 19Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 20Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 21Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 22Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
 2011-2015 Microchip Technology Inc.
DS20005004D-page 19
MCP16301/H
5.7
Freewheeling Diode
The freewheeling diode creates a path for inductor
current flow after the internal switch is turned off. The
average diode current is dependent upon output load
current at duty cycle (D). The efficiency of the converter
is a function of the forward drop and speed of the
freewheeling diode. A low forward drop Schottky diode
is recommended. The current rating and voltage rating
of the diode is application dependent. The diode
voltage rating should be a minimum of VIN, plus margin.
For example, a diode rating of 40V should be used for
an application with a maximum input of 30V. The
average diode current can be calculated using
Equation 5-6.
EQUATION 5-6:
DIODE AVERAGE
CURRENT
EXAMPLE 5-4:
A 0.5A to 1A diode is recommended.
5.8
Boost Diode
The boost diode is used to provide a charging path from
the low-voltage gate drive source, while the switch
node is low. The boost diode blocks the high voltage of
the switch node from feeding back into the output
voltage when the switch is turned on, forcing the switch
node high.
A standard 1N4148 ultra-fast diode is recommended
for its recovery speed, high voltage blocking capability,
availability and cost. The voltage rating required for the
boost diode is VIN.
For low boost voltage applications, a small Schottky
diode with the appropriately rated voltage can be used
to lower the forward drop, increasing the boost supply
for gate drive.
TABLE 5-3:
MCP16301/H RECOMMENDED
3.3V INDUCTORS
Part Number
Size
WxLxH
(mm)
Coilcraft®
ME3220
15
0.52
0.90
3.2x2.5x2.0
LPS4414
15
0.440 0.92
4.3x4.3x1.4
LPS6235
15
0.125 2.00
6.0x6.0x3.5
MSS6132
15
0.135 1.56
6.1x6.1x3.2
MSS7341
15
0.057 1.78
7.3x7.3x4.1
ME3220
15
0.520
0.8
2.8x3.2x2.0
LPS3015
15
0.700 0.61
3.0x3.0x1.4
Würth Elektronik Group®
744025
15
0.400 0.900 2.8x2.8x2.8
744031
15
0.255 0.450 3.8x3.8x1.65
744042
15
0.175 0.75
4.8x4.8x1.8
Coiltronics®
SD12
15
0.48 0.692 5.2x5.2x1.2
SD18
15
0.266 0.831 5.2x5.2x1.8
SD20
15
0.193 0.718 5.2x5.2x2.0
SD3118
15
0.51
0.75
3.2x3.2x1.8
SD52
15
0.189 0.88
5.2x5.5.2.0
Sumida® Corporation
CDPH4D19F
15
0.075 0.66
5.2x5.2x2.0
CDRH3D161H
15
0.328 0.65
4.0x4.0x1.8
TDK-EPC®
VLF30251
15
0.5
0.47
2.5x3.0x1.2
VLF4012A
15
0.46
0.63
3.5x3.7x1.2
VLF5014A
15
0.28
0.97
4.5x4.7x1.4
B82462G4332M
15
0.097 1.05
6x6x2.2
TABLE 5-4:
FREEWHEELING DIODES
App
Manufacturer
Part
Number
Rating
12 VIN
600 mA
Diodes
Incorporated®
DFLS120L-7
20V, 1A
24 VIN
100 mA
Diodes
Incorporated
B0540Ws-7
40V, 0.5A
18 VIN
600 mA
Diodes
Incorporated
B130L-13-F
30V, 1A
ID1AVG
1D
–
 I
OUT
=
IOUT
=0.5A
VIN
=15V
VOUT
=5V
D= 5/15
ID1AVG
=333 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com